Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

FS2KMJ-3 Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # FS2KMJ-3
Description  MITSUBISHI Nch POWER MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

FS2KMJ-3 Datasheet(HTML) 2 Page - Renesas Technology Corp

  FS2KMJ-3 Datasheet HTML 1Page - Renesas Technology Corp FS2KMJ-3 Datasheet HTML 2Page - Renesas Technology Corp FS2KMJ-3 Datasheet HTML 3Page - Renesas Technology Corp FS2KMJ-3 Datasheet HTML 4Page - Renesas Technology Corp FS2KMJ-3 Datasheet HTML 5Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Feb.1999
FS2KMJ-3
OUTLINE DRAWING
Dimensions in mm
TO-220FN
MITSUBISHI Nch POWER MOSFET
FS2KMJ-3
HIGH-SPEED SWITCHING USE
APPLICATION
Motor control, Lamp control, Solenoid control
DC-DC converter, etc.
10
± 0.3
2.8
± 0.2
f 3.2
± 0.2
1.1
± 0.2
1.1
± 0.2
0.75
± 0.15
2.54
± 0.25
2.54
± 0.25
0.75
± 0.15
12 3
q GATE
w DRAIN
e SOURCE
E
w
q
e
V
V
A
A
A
A
A
W
°C
°C
V
g
150
±20
2
8
2
2
8
15
–55 ~ +150
–55 ~ +150
2000
2.0
VGS = 0V
VDS = 0V
L = 100
µH
AC for 1minute, Terminal to case
Typical value
Drain-source voltage
Gate-source voltage
Drain current
Drain current (Pulsed)
Avalanche drain current (Pulsed)
Source current
Source current (Pulsed)
Maximum power dissipation
Channel temperature
Storage temperature
Isolation voltage
Weight
VDSS
VGSS
ID
IDM
IDA
IS
ISM
PD
Tch
Tstg
Viso
Symbol
MAXIMUM RATINGS (Tc = 25
°C)
Parameter
Conditions
Ratings
Unit
¡4V DRIVE
¡VDSS ................................................................................ 150V
¡rDS (ON) (MAX) .............................................................. 0.75
¡ID ............................................................................................2A
¡Integrated Fast Recovery Diode (TYP.) ............. 65ns
¡Viso ................................................................................ 2000V



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com