Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

STV0676 Datasheet(PDF) 8 Page - STMicroelectronics

Part # STV0676
Description  CMOS Digital Camera Co-processor
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV0676 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button STV0676 Datasheet HTML 4Page - STMicroelectronics STV0676 Datasheet HTML 5Page - STMicroelectronics STV0676 Datasheet HTML 6Page - STMicroelectronics STV0676 Datasheet HTML 7Page - STMicroelectronics STV0676 Datasheet HTML 8Page - STMicroelectronics STV0676 Datasheet HTML 9Page - STMicroelectronics STV0676 Datasheet HTML 10Page - STMicroelectronics STV0676 Datasheet HTML 11Page - STMicroelectronics STV0676 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
External interfaces
STV0676
8/21
Revision C
2
External interfaces
2.1
USB interface
The USB interface is designed to be compliant with version 1.1 of the USB specification. The
STV0676 is a low power device and is therefore suitable for connection to any USB port on a PC,
self-powered hub or when connected to a bus-powered hub.
The device complies with the device framework specified in Chapter 9 of the USB specification as
follows:
q
The device supports a single high power configuration (
Configuration 1).
q
Endpoint 0 is the default control endpoint and is always supported.
q
Endpoint 0 supports all of the USB commands required by the device framework.
q
Vendor specific commands on Endpoint 0 are used for all device control.
q
Configuration 1 supports a single interface (interface 0).
q
Interface 0 supports 8 alternate settings (alternates 0-7).
q
The alternate settings support between 0 and 2 additional endpoints.
q
Endpoint 1 is used for isochronous transfer of image data.
q
Endpoint 3 is used for transferring status information, e.g. state of a hardware button.
q
The endpoints are configured as follows (
Table 2) in the alternate settings:
The best and most consistent performance in terms of image quality is always obtained in the
highest bandwidth setting (alternate 7). Under some circumstances it may not be possible for the
host to allocate this amount of USB bandwidth to the device.
The isochronous settings reserve varying quantities of bandwidth - from 10% to 85% of USB
bandwidth. The lower settings result in poor image quality due to heavy compression applied to
maintain a high framerate streaming of image data, but at the same time leaving more bandwidth
free for other USB devices. This is desirable if more than one camera is to be used, or if there are
other isochronous peripherals connected. The device driver allows the user to specify the maximum
bandwidth they wish to allocate to transfer data from the device. If the maximum specified by the
user is not available, perhaps because another isochronous device has already reserved that
bandwidth, then lower alternates are tried until one succeeds.
Table 2: Endpoint alternate settings
Alternate setting
Endpoint1 (isochronous)
Endpoint3 (interrupt)
0
Not present
Not present
1
Not present
8 bytes / packet; 1 packet /8 frames
2
128 bytes / packet; 1 packet / frame
8 bytes / packet; 1 packet /8 frames
3
384 bytes / packet; 1 packet / frame
8 bytes / packet; 1 packet /8 frames
4
640 bytes / packet; 1 packet / frame
8 bytes / packet; 1 packet /8 frames
5
768 bytes / packet; 1 packet / frame
8 bytes / packet; 1 packet /8 frames
6
896 bytes / packet; 1 packet / frame
8 bytes / packet; 1 packet /8 frames
7
1023 bytes / packet; 1 packet / frame
8 bytes / packet; 1 packet /8 frames



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com