Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

STV0676 Datasheet(PDF) 10 Page - STMicroelectronics

Part # STV0676
Description  CMOS Digital Camera Co-processor
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV0676 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button STV0676 Datasheet HTML 6Page - STMicroelectronics STV0676 Datasheet HTML 7Page - STMicroelectronics STV0676 Datasheet HTML 8Page - STMicroelectronics STV0676 Datasheet HTML 9Page - STMicroelectronics STV0676 Datasheet HTML 10Page - STMicroelectronics STV0676 Datasheet HTML 11Page - STMicroelectronics STV0676 Datasheet HTML 12Page - STMicroelectronics STV0676 Datasheet HTML 13Page - STMicroelectronics STV0676 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
External interfaces
STV0676
10/21
Revision C
2.4
Serial EEPROM
STV0676 is designed to be used with a 128 or 256 byte serial I2C EEPROM. The EEPROM can be
programmed with data to allow a user to fully customise the USB identity of STV0676. The
configuration of this data is as follows.
4’b0110
4’b0110
4’b0111
4’b0111
4’b1000
4’b1000
4’b1001
4’b1001
4’b1010
4’b1010
4’b1011
4’b1011
4’b1100
4’b1100
4’b1101
4’b1101
4’b1110
4’b1110
4’b1111
4’b1111
Table 6: Master VID/PID selection
digiport[5:4]
VID/PID reported
2’b00
16’h0553/16’h014x
a
2’b01
16’h0553/16’h015xa
2’b10
16’h0553/16’h026x
a
2’b11
16’h0553/16’h017x
a
a. The ‘x’ ls nibble of the PID is defined by the value from
Table 5 above
Table 7: Device power consumption indicator
digiport[7:6]
current consumption reported
2’b00
98mA
2’b01
250mA
2’b10
350mA
2’b11
500mA
Table 5: Digiport LS nibble configuration
digiport[3:0]
PID LS nibble



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com