Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

M65881AFP Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # M65881AFP
Description  Digital Amplifier Processor of S-Master Technology
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M65881AFP Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button M65881AFP Datasheet HTML 9Page - Renesas Technology Corp M65881AFP Datasheet HTML 10Page - Renesas Technology Corp M65881AFP Datasheet HTML 11Page - Renesas Technology Corp M65881AFP Datasheet HTML 12Page - Renesas Technology Corp M65881AFP Datasheet HTML 13Page - Renesas Technology Corp M65881AFP Datasheet HTML 14Page - Renesas Technology Corp M65881AFP Datasheet HTML 15Page - Renesas Technology Corp M65881AFP Datasheet HTML 16Page - Renesas Technology Corp M65881AFP Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 23 page
background image
Rev.1.00 2003.05.08
page 13 of 23
M65881AFP
SERIAL CONTROL
bit
Flag name
Functional Explanation
H
L
INIT
1
MODE1
Mode setting1
"L" fixed
2
MODE2
Mode setting2
"L" fixed
3
TEST1
Test Mode 1
"L" fixed
L
4
TEST2
Test Mode 2
"L" fixed
L
5
NSLMT1
Output Limit 1
L
6
NSLMT2
Output Limit 2
L
7
GCONT1
Channel selection for Gain Control Block 1
L/R Independence
L/R Common
L
8
GCONT2
Channel selection for Gain Control Block 2
Lch
Rch
L
9
NSPMUTEL Lch Duty 50% Mute for PWM Output
active
non-active
L
10
NSPMUTER Rch Duty 50% Mute for PWM Output
active
non-active
L
11
12
GAIN0
Gain Data Index (MSB)
H
13
GAIN1
Gain Data Index
L
14
GAIN2
Gain Data Index
L
15
GAIN3
Gain Data Index
L
16
GAIN4
Gain Data Index (LSB)
L
17
GAIN5
Gain Data Mantissa (MSB)
H
18
GAIN6
Gain Data Mantissa
L
19
GAIN7
Gain Data Mantissa
L
20
GAIN8
Gain Data Mantissa
L
21
GAIN9
Gain Data Mantissa
L
22
GAIN10
Gain Data Mantissa
L
23
GAIN11
Gain Data Mantissa
L
24
GAIN12
Gain Data Mantissa (LSB)
L
Refer to Table 1-1.
1. Gain Control Mode
No setting bits means " Don't care".
•Output Limit (bit5,6: NSLMT1,2)
The M65881AFP has Over Flow Limit function which detects by input signal level and limit gain control.
The limit Value is set by Gain control Mode ( bit5,6 "NSLMT1, 2") and System2 Mode( bit17 "NSOBIT").
•Limit value setting of output for gain control and
∆Σ (bit5, 6 : NSLMT1, 2)
Table 1-1a Limit Value [ In case of 6bit mode, system2 mode bit 17( NSOBIT )="L".]
NSLMT1,2
(L, L)
Output Limit Value of gain
±0.9375
±0.90625
(L, H)
±0.875
(H, H)
±0.84375
61 values (±30)
63 values (±31)
59 values (±29)
57 values (±28)
Table 1-1b Limit Value [ In case of 5bit mode, system2 mode bit 17( NSOBIT )="H".]
NSLMT1,2
(L, L)
Output Limit Value of gain
±0.90625
PWM Output ( Limit Value from
∆Σ Block)
(H, L)
±0.875
(L, H)
±0.84375
(H, H)
±0.8125
31 value (±15)
31 value (±15)
29 value (±14)
29 value (±14)
•Channel selection for Gain Control Block (bit7,bit8: GCONT1, GCONT2)
These bit selection enable to control gain data "L/R common" or "L/R independence".
GCONT1:"L"… L/R common "H"...L/Rch independence.
GCONT2:"L"… Rch only
"H"…Lch only
Bit8 is enable only the case of " Bit7="H".
•PWM Duty 50% Mute (bit9,10:NSPMUTEL,R)
These bit set "Duty 50% fixed Mute" with Lch/Rch independence.
NSPMUTEL : "L"….Mute release,
"H"…Lch Mute
NSPMUTER : "L"….Mute release,
"H"…Rch Mute
* Duty 50 % Mute Operation are operated by one of the following setting.
• Gain control bit9,10 ( NSPMUTEL,R)
• NSPMUTE pin
• Serial control system2 mode ,bit 14 (NSPMUTE)
*Enable both output for Power and Headphone.
PWM Output (Limit Value from
∆Σ Block)
(H, L)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com