Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

M65881AFP Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # M65881AFP
Description  Digital Amplifier Processor of S-Master Technology
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M65881AFP Datasheet(HTML) 2 Page - Renesas Technology Corp

  M65881AFP Datasheet HTML 1Page - Renesas Technology Corp M65881AFP Datasheet HTML 2Page - Renesas Technology Corp M65881AFP Datasheet HTML 3Page - Renesas Technology Corp M65881AFP Datasheet HTML 4Page - Renesas Technology Corp M65881AFP Datasheet HTML 5Page - Renesas Technology Corp M65881AFP Datasheet HTML 6Page - Renesas Technology Corp M65881AFP Datasheet HTML 7Page - Renesas Technology Corp M65881AFP Datasheet HTML 8Page - Renesas Technology Corp M65881AFP Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
Rev.1.00 2003.05.08
page 2 of 23
M65881AFP
PIN CONFIGURATION
VddL
VssR
VssL
OUTL2
XOVdd
XfsoOUT
XOVss
DVdd
DVss
MCKSEL
SCDT
SCSHIFT
SCLATCH
NSPMUTE
INIT
LRCK
BCK
DATA
BFVdd
SFLAG
TEST2
TEST1
HPOUTR2
HPVssR
HPOUTR1
HPVddR
HPOUTL2
HPVssL
HPOUTL1
HPVddL
XVss
XfsoIN
XVdd
VssLR
OUTR2
OUTR1
VddR
1.8V
system
OUTL1
BFVss
XfsiIN
FsoCKO
FsoI
3.3V
system
3.3V
system
3.3V
system
PWM output
for Power Stage
PWM output
for Headphone
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
42
41
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
24
23
22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com