Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

HD64F7065AF Datasheet(PDF) 49 Page - Renesas Technology Corp

Part # HD64F7065AF
Description  Renesas 32-Bit RISC Microcomputer SuperH RISC engine Family/SH7000 Series
PDF  941 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F7065AF Datasheet(HTML) 49 Page - Renesas Technology Corp

Back Button HD64F7065AF Datasheet HTML 45Page - Renesas Technology Corp HD64F7065AF Datasheet HTML 46Page - Renesas Technology Corp HD64F7065AF Datasheet HTML 47Page - Renesas Technology Corp HD64F7065AF Datasheet HTML 48Page - Renesas Technology Corp HD64F7065AF Datasheet HTML 49Page - Renesas Technology Corp HD64F7065AF Datasheet HTML 50Page - Renesas Technology Corp HD64F7065AF Datasheet HTML 51Page - Renesas Technology Corp HD64F7065AF Datasheet HTML 52Page - Renesas Technology Corp HD64F7065AF Datasheet HTML 53Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 941 page
background image
Section 2 CPU
Rev. 5.00 Sep 11, 2006 page 27 of 916
REJ09B0332-0500
MACL
PR
PC
MACH
31
0
0
0
31
31
Multiply and accumulate
register high (MACH)
Multiply and accumulate
register low (MACL)
Procedure register (PR)
Program counter (PC)
Figure 2.3 System Register Configuration
In the SH7065, of the DSP unit registers (DSP registers) described below, the DSP status register
(DSR) and five of the eight data registers (A0, X0, X1, Y0, and Y1) are treated as system
registers. A0 is a 40-bit register, but when data is output from the A0 register the guard bit field
(A0G) is ignored, and when data is input to the A0 register the MSB is copied into the guard bit
field (A0G).
2.1.4
DSP Registers
The DSP unit has eight data registers and one control register as DSP registers.
The DSP data registers comprise two 40-bit registers, A0 and A1, and six 32-bit registers, M0,
M1, X0, X1, Y0, and Y1. Registers A0 and A1 each have an 8-bit guard bit field, designated A0G
and A1G, respectively.
The DSP data registers are used as DSP instruction operands in DSP data transfer and processing.
Instructions that access the DSP data registers are of three types, for DSP data processing, and X
and Y data transfer processing.
The control register is the 32-bit DSP status register (DSR), which shows operation results. The
DSR register contains bits that indicate the result of an operation—the Signed Greater Than bit
(GT), Zero Value bit (Z), Negative Value bit (N), Overflow bit (V), and DSP Condition bit
(DC)—and also Condition Select bits (CS) that control the DC bit setting.
The DC bit is a status flag that closely resembles the T bit of the SuperH microcomputer CPU
core. In the case of a conditional DSP type instruction, execution during DSP data processing is
controlled in accordance with the DC bit. This control extends only to DSP unit execution, and
only DSP registers are updated. It has no effect on address calculation or SuperH microcomputer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com