Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

HD64F7065AF Datasheet(PDF) 85 Page - Renesas Technology Corp

Part # HD64F7065AF
Description  Renesas 32-Bit RISC Microcomputer SuperH RISC engine Family/SH7000 Series
PDF  941 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F7065AF Datasheet(HTML) 85 Page - Renesas Technology Corp

Back Button HD64F7065AF Datasheet HTML 81Page - Renesas Technology Corp HD64F7065AF Datasheet HTML 82Page - Renesas Technology Corp HD64F7065AF Datasheet HTML 83Page - Renesas Technology Corp HD64F7065AF Datasheet HTML 84Page - Renesas Technology Corp HD64F7065AF Datasheet HTML 85Page - Renesas Technology Corp HD64F7065AF Datasheet HTML 86Page - Renesas Technology Corp HD64F7065AF Datasheet HTML 87Page - Renesas Technology Corp HD64F7065AF Datasheet HTML 88Page - Renesas Technology Corp HD64F7065AF Datasheet HTML 89Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 941 page
background image
Section 2 CPU
Rev. 5.00 Sep 11, 2006 page 63 of 916
REJ09B0332-0500
2.5
Instruction Set
SH7065 instructions can be divided into three kinds: CPU instructions executed by the CPU core,
and DSP data transfer instructions and DSP operation instructions executed by the DSP unit. CPU
instructions include several for supporting DSP functions. The instruction sets for each of these
three kinds of instructions are described below.
2.5.1
CPU Instruction Set
The CPU instructions are listed by type in table 2.19.
Table 2.19 CPU Instruction Types
Type
Kinds of
Instruction
Op Code
Function
Number of
Instructions
MOV
Data transfer
Immediate data transfer
Peripheral module data transfer
Structure data transfer
39
MOVA
Effective address transfer
MOVT
T bit transfer
SWAP
Upper/lower swap
Data transfer
instructions
5
XTRCT
Extraction of middle of linked
registers
ADD
Binary addition
33
ADDC
Binary addition with carry
Arithmetic
operation
instructions
21
ADDV
Binary addition with overflow
CMP/cond
Comparison
DIV1
Division
DIV0S
Signed division initialization
DIV0U
Unsigned division initialization
DMULS
Signed double-precision
multiplication
DMULU
Unsigned double-precision
multiplication
DT
Decrement and test



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com