Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

H83062 Datasheet(PDF) 73 Page - Renesas Technology Corp

Part # H83062
Description  Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Series
PDF  1021 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H83062 Datasheet(HTML) 73 Page - Renesas Technology Corp

Back Button H83062 Datasheet HTML 69Page - Renesas Technology Corp H83062 Datasheet HTML 70Page - Renesas Technology Corp H83062 Datasheet HTML 71Page - Renesas Technology Corp H83062 Datasheet HTML 72Page - Renesas Technology Corp H83062 Datasheet HTML 73Page - Renesas Technology Corp H83062 Datasheet HTML 74Page - Renesas Technology Corp H83062 Datasheet HTML 75Page - Renesas Technology Corp H83062 Datasheet HTML 76Page - Renesas Technology Corp H83062 Datasheet HTML 77Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 1021 page
background image
Section 1 Overview
Rev. 6.00 Mar 18, 2005 page 25 of 970
REJ09B0215-0600
1.5.3
VCL Pin
The H8/3064F-ZTAT B-mask version, H8/3062F-ZTAT B-mask version, and on-chip masked
ROM B-mask versions have a VCL (internal step-down) pin, to which a 0.1 µF internal voltage
stabilization capacitor must be connected.
The method of connecting the external capacitor is shown in figure 1.6.
Do not connect the VCC power supply to the VCL pin (Connect the VCC power supply to other VCC
pins as usual). Note that the VCL output pin occupies the same location as a VCC pin in the
H8/3062F-ZTAT R-mask version and on-chip masked ROM versions.
VCL
External
capacitor
0.1
µF
H8/3062F-ZTAT B-mask version,
H8/3064F-ZTAT B-mask version,
H8/3064 masked ROM B-mask version,
H8/3062 masked ROM B-mask version,
H8/3061 masked ROM B-mask version,
H8/3060 masked ROM B-mask version
(5 V model)
VCC
H8/3062F-ZTAT R-mask
version,
H8/3062 masked ROM version,
H8/3061 masked ROM version,
H8/3060 masked ROM version
VCC power
supply
Do not connect the VCC power supply to the VCL
pin (Connect the VCC power supply to other VCC
pins as usual).
Place the capacitor close to the pin.
These versions have a VCC power supply
pin in the same pin position as a VCC pin in
the H8/3062F-ZTAT B-mask version and
H8/3064F-ZTAT B-mask version.
Figure 1.6 H8/3062F-ZTAT B-Mask Version, H8/3064F-ZTAT B-Mask Version, and
On-Chip Masked ROM B-Mask Versions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com