Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

H83062 Datasheet(PDF) 86 Page - Renesas Technology Corp

Part # H83062
Description  Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Series
PDF  1021 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H83062 Datasheet(HTML) 86 Page - Renesas Technology Corp

Back Button H83062 Datasheet HTML 82Page - Renesas Technology Corp H83062 Datasheet HTML 83Page - Renesas Technology Corp H83062 Datasheet HTML 84Page - Renesas Technology Corp H83062 Datasheet HTML 85Page - Renesas Technology Corp H83062 Datasheet HTML 86Page - Renesas Technology Corp H83062 Datasheet HTML 87Page - Renesas Technology Corp H83062 Datasheet HTML 88Page - Renesas Technology Corp H83062 Datasheet HTML 89Page - Renesas Technology Corp H83062 Datasheet HTML 90Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 1021 page
background image
Section 2 CPU
Rev. 6.00 Mar 18, 2005 page 38 of 970
REJ09B0215-0600
Rn
En
ERn
Word data
Word data
Longword data
15
0
MSB
LSB
General
Register
Data Type
Data Format
15
0
MSB
LSB
31
16
MSB
15
0
LSB
Legend:
ERn :
En
:
Rn
:
MSB :
LSB :
General register
General register E
General register R
Most significant bit
Least significant bit
Figure 2.7 General Register Data Formats
2.5.2
Memory Data Formats
Figure 2.8 shows the data formats on memory. The H8/300H CPU can access word data and
longword data on memory, but word or longword data must begin at an even address. If an attempt
is made to access word or longword data at an odd address, no address error occurs but the least
significant bit of the address is regarded as 0, so the access starts at the preceding address. This
also applies to instruction fetches.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com