Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TDA7429L Datasheet(PDF) 1 Page - STMicroelectronics

Part # TDA7429L
Description  3 BAND EQUALIZER AUDIO PROCESSOR WITH SUBWOOFER CONTROL
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7429L Datasheet(HTML) 1 Page - STMicroelectronics

  TDA7429L Datasheet HTML 1Page - STMicroelectronics TDA7429L Datasheet HTML 2Page - STMicroelectronics TDA7429L Datasheet HTML 3Page - STMicroelectronics TDA7429L Datasheet HTML 4Page - STMicroelectronics TDA7429L Datasheet HTML 5Page - STMicroelectronics TDA7429L Datasheet HTML 6Page - STMicroelectronics TDA7429L Datasheet HTML 7Page - STMicroelectronics TDA7429L Datasheet HTML 8Page - STMicroelectronics TDA7429L Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
1/16
TDA7429L
March 2000
s
3 STEREO INPUTS
s
AUXILIARY MONO INPUT
s
INPUT ATTENUATION CONTROL IN 0.5dB
STEP
s
TREBLE MIDDLE AND BASS CONTROL
s
FOUR SPEAKERS ATTENUATORS:
- 4 INDEPENDENT SPEAKERS CONTROL IN
1dB STEPS FOR BALANCE FACILITY
- INDEPENDENT MUTE FUNCTION
s
SUBWOOFER OUTPUT (L+R) CONTROLLED
IN 1dB STEP INPUTS
s
ALL FUNCTIONS PROGRAMMABLE VIA
SERIAL BUS
DESCRIPTION
The TDA7429L is volume tone (bass middle and tre-
ble) balance (Left/Right) processors for quality audio
applications in TV and Hi-Fi systems, providing also
an additional subwoofer control.
The AC signal setting is obtained by resistor networks
and switches combined with operational amplifiers.
Thanks to the used BIPOLAR/CMOS Technology,
Low Distortion, Low Noise and DC stepping are ob-
tained.
SDIP42
ORDERING NUMBER: TDA7429L
3 BAND EQUALIZER AUDIO PROCESSOR
WITH SUBWOOFER CONTROL
Figure 1. Test Circuit
N.C.
N.C.
N.C.
N.C.
N.C.
LP
LP1
100nF
VAR_L
2.2
µF
HP2
BASSO_L
VAR_R
BASSO_R
AUXOUT_L AUXOUT_R L_OUT
R_OUT
VS
CREF
100nF
10
µF
22
µF
220nF
R_IN3
0.47
µF
R_IN2
0.47
µF
DIG_GND
SCL
SDA
AGND
18nF
2.7K
MIDDLE_LO
MIDDLE_LI
22nF
18nF
2.7K
MIDDLE_RO
MIDDLE_RI
22nF
100nF
5.6K
BASS_LO
BASS_LI
100nF
100nF
5.6K
BASS_RO
BASS_RI
100nF
TREBLE_L
5.6nF
D99AU1029
2.2
µF
TREBLE_R
100nF
MONITOR_R
100nF
42
1
14
2
3
4
5
6
23
24
37
19
20
21
22
41
15
16
17
18
32
31
30
29
28
27
26
25
13
12
11
8
7
40
39
MONO INPUT
0.47
µF
L+R OUTPUT
9
10
R_IN1
0.47
µF
38
L_IN1
0.47
µF
35
L_IN2
0.47
µF
34
L_IN3
0.47
µF
33
MONITOR_L
36


Similar Part No. - TDA7429L

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7429 STMICROELECTRONICS-TDA7429 Datasheet
243Kb / 22P
DIGITALLY CONTROLLED AUDIO PROCESSOR WITH SURROUND SOUND MATRIX
Jun-2004
TDA7429S STMICROELECTRONICS-TDA7429S Datasheet
160Kb / 20P
DIGITALLY CONTROLLED AUDIO PROCESSOR WITH SURROUND SOUND MATRIX
Jul-1999
TDA7429S STMICROELECTRONICS-TDA7429S Datasheet
243Kb / 22P
DIGITALLY CONTROLLED AUDIO PROCESSOR WITH SURROUND SOUND MATRIX
Jun-2004
TDA7429T STMICROELECTRONICS-TDA7429T Datasheet
160Kb / 20P
DIGITALLY CONTROLLED AUDIO PROCESSOR WITH SURROUND SOUND MATRIX
Jul-1999
TDA7429T STMICROELECTRONICS-TDA7429T Datasheet
243Kb / 22P
DIGITALLY CONTROLLED AUDIO PROCESSOR WITH SURROUND SOUND MATRIX
Jun-2004
More results

Similar Description - TDA7429L

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJW1136 NJRC-NJW1136 Datasheet
412Kb / 24P
AUDIO PROCESSOR with Subwoofer Output
NJW1176 NJRC-NJW1176 Datasheet
254Kb / 27P
AUDIO PROCESSOR with Subwoofer Output
NJW1163 NJRC-NJW1163 Datasheet
241Kb / 24P
AUDIO PROCESSOR with Subwoofer Output
NJW1166 NJRC-NJW1166 Datasheet
245Kb / 25P
AUDIO PROCESSOR with Subwoofer Output
NJW1167 NJRC-NJW1167 Datasheet
249Kb / 25P
AUDIO PROCESSOR with Subwoofer Output
logo
Princeton Technology Co...
PT2033 PTC-PT2033 Datasheet
284Kb / 5P
2.1 Channel Audio Processor with Subwoofer Out
PT2348 PTC-PT2348 Datasheet
235Kb / 5P
4.1-Channel Audio Processor with Subwoofer
PT2348 PTC-PT2348_10 Datasheet
244Kb / 5P
4.1-Channel Audio Processor with Subwoofer
logo
Rohm
BD37524FS ROHM-BD37524FS_15 Datasheet
3Mb / 35P
Sound Processor with Built-in 3-band Equalizer
BD37531FV ROHM-BD37531FV_15 Datasheet
3Mb / 34P
Sound Processor with Built-in 3-band Equalizer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com