Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TDA7429L Datasheet(PDF) 5 Page - STMicroelectronics

Part # TDA7429L
Description  3 BAND EQUALIZER AUDIO PROCESSOR WITH SUBWOOFER CONTROL
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7429L Datasheet(HTML) 5 Page - STMicroelectronics

  TDA7429L Datasheet HTML 1Page - STMicroelectronics TDA7429L Datasheet HTML 2Page - STMicroelectronics TDA7429L Datasheet HTML 3Page - STMicroelectronics TDA7429L Datasheet HTML 4Page - STMicroelectronics TDA7429L Datasheet HTML 5Page - STMicroelectronics TDA7429L Datasheet HTML 6Page - STMicroelectronics TDA7429L Datasheet HTML 7Page - STMicroelectronics TDA7429L Datasheet HTML 8Page - STMicroelectronics TDA7429L Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
5/16
TDA7429L
CONTROL L+R
CRANGE
Control Range
- 11
+4
dB
SSTEP
Step Resolution
0.5
1
1.5
dB
SPEAKER & AUX ATTENUATORS
CRANGE
Control Range
79
dB
SSTEP
Step Resolution
-0.5
1
1.5
dB
EA
Attenuation set error
Av = 0 to -20dB
-1.5
0
1.5
dB
Av = -20 to -79dB
-3
0
2
dB
VDC
DC Steps
adjacent att. steps
-3
0
3
mV
AMUTE
Output Mute Condition
+70
100
dB
RVEA
Input Impedance
21
30
39
K
Ω
AUDIO OUTPUTS
NO(OFF)
Output Noise (OFF)
Output Mute, Flat
BW = 20Hz to 20KHz
4
5
µVrms
µVrms
d
Distorsion
Av =0 ; Vin =1Vrms
0.01
0.1
%
SC
Channel Separation
70
90
dB
VOCL
Clipping Level
d = 0.3%
2
2.5
Vrms
ROUT
Output Resistance
20
40
70
Ω
VOUT
DC Voltage Level
3.8
V
MONITOR OUTPUTS
d
Distorsion
Av =0 ; Vin =1Vrms
0.01
0.1
%
SC
Channel Separation
70
90
dB
VOCL
Clipping Level
d = 0.3%
2
2.5
Vrms
ROUT
Output Resistance
20
50
70
Ω
VOUT
DC Voltage Level
4.5
V
BUS INPUTS
VIL
Input Low Voltage
1V
VIH
Input High Voltage
3
V
IIN
Input Current
-5
+5
mA
VO
Output Voltage SDA
Acknowledge
IO = 1.6mA
0.4
V
Table 4. Electrical Characteristics
(refer to the test circuit Tamb =25°C, VS =9V, RL = 10KΩ,Vin =1Vrms;RG = 600Ω, all controls flat
(G = 0dB), L+R CTRL = +4dB, MODE = OFF; f = 1KHz unless otherwise specified).
Symbol
Parameter
Test Conditio n
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com