Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

FSP431 Datasheet(PDF) 13 Page - FOSLINK SEMICONDUCTOR CO.,LTD

Part # FSP431
Description  ADJUSTABLE PRECISION SHUNT REGULATOR
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOSLINK [FOSLINK SEMICONDUCTOR CO.,LTD]
Direct Link  
Logo FOSLINK - FOSLINK SEMICONDUCTOR CO.,LTD

FSP431 Datasheet(HTML) 13 Page - FOSLINK SEMICONDUCTOR CO.,LTD

Back Button FSP431 Datasheet HTML 7Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP431 Datasheet HTML 8Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP431 Datasheet HTML 9Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP431 Datasheet HTML 10Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP431 Datasheet HTML 11Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP431 Datasheet HTML 12Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP431 Datasheet HTML 13Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP431 Datasheet HTML 14Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP431 Datasheet HTML 15Page - FOSLINK SEMICONDUCTOR CO.,LTD  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
ADJUSTABLE PRECISION SHUNT REGULATOR
2007-1-24
13/15
FSP431
ORDERING INFORMATION
MARKING INFORMATION
(1) TO92-3L
(2) SOT23-3L
FSP431XXX
Package:
V: TO92-3L
C: SOT23-3L
Packing:
Blank: Tube or Bulk
A: Tape & Reel
Temperature Grade:
Blank: 0~70℃
FSP431
YYWWXX
Logo
Part Number
Internal Code
Date Code:
YY: Year (01=2001)
WW: Nth week (01~52)
SAYMX
Internal Code
Date Code:
Y: Year (1=2001)
M: Month (1~9, O,N,D)
Part Number: FSP431



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com