Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

FSP431 Datasheet(PDF) 2 Page - FOSLINK SEMICONDUCTOR CO.,LTD

Part # FSP431
Description  ADJUSTABLE PRECISION SHUNT REGULATOR
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOSLINK [FOSLINK SEMICONDUCTOR CO.,LTD]
Direct Link  
Logo FOSLINK - FOSLINK SEMICONDUCTOR CO.,LTD

FSP431 Datasheet(HTML) 2 Page - FOSLINK SEMICONDUCTOR CO.,LTD

  FSP431 Datasheet HTML 1Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP431 Datasheet HTML 2Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP431 Datasheet HTML 3Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP431 Datasheet HTML 4Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP431 Datasheet HTML 5Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP431 Datasheet HTML 6Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP431 Datasheet HTML 7Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP431 Datasheet HTML 8Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP431 Datasheet HTML 9Page - FOSLINK SEMICONDUCTOR CO.,LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
ADJUSTABLE PRECISION SHUNT REGULATOR
2007-1-24
2/15
FSP431
EQUIVALENT SCHEMATIC
Note: All component values are nominal.
ABSOLUTE MAXIMUM RATINGS
(NOTE 1)
Parameter
Rating
Unit
Cathode Voltage, VKA (Note 2)
37
V
Continuous Cathode Current Range, IKA
-100 to 150
mA
Reference Input Current Range
-50µA to 10mA
Operating Temperature
0 to 70
°C
Storage Temperature
-65 to 150
°C
Note 1: These are stress ratings only. Stresses exceeding the range specified under “Absolute Maximum Ratings’
may cause substantial damage to the device. Functional operation of this device at other conditions beyond
those listed in specifications is not implied and prolonged exposure to extreme conditions may affect device
reliability.
Note 2: Voltage values are with respect to the anode terminal unless otherwise noted.
RECOMMENDED OPERATING CONDITIONS
Parameter
Rating
Unit
Cathode Voltage, VKA
Vref to 36
V
Cathode Current, IKA
1 to 100
mA
Operating Temperature, TA
0 to 70
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com