Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TDA7496S Datasheet(PDF) 3 Page - STMicroelectronics

Part # TDA7496S
Description  5W5W AMPLIFIER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7496S Datasheet(HTML) 3 Page - STMicroelectronics

  TDA7496S Datasheet HTML 1Page - STMicroelectronics TDA7496S Datasheet HTML 2Page - STMicroelectronics TDA7496S Datasheet HTML 3Page - STMicroelectronics TDA7496S Datasheet HTML 4Page - STMicroelectronics TDA7496S Datasheet HTML 5Page - STMicroelectronics TDA7496S Datasheet HTML 6Page - STMicroelectronics TDA7496S Datasheet HTML 7Page - STMicroelectronics TDA7496S Datasheet HTML 8Page - STMicroelectronics TDA7496S Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
ELECTRICAL CHARACTERISTICS (continued)
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
BW
0.6
MHz
eN
Total Output Noise
f = 20Hz to 22KHz
Play
60
150
µV
f = 20Hz to 22KHz
Mute
60
150
µV
SR
Slew Rate
5
8
V/
µs
Ri
Input Resistance
22.5
30
K
Ω
SVR
Supply Voltage Rejection
f = 1kHz;
CSVR = 470
µF; VRIP = 1Vrms
35
39
dB
TM
Thermal Muting
150
°C
Ts
Thermal Shut-down
160
°C
MUTE STAND-BY & INPUT SELECTION FUNCTIONS
VST-ON
Stand-by ON threshold
3.5
V
VST-OFF
Stand-by OFF threshold
1.5
V
VM ON
Mute ON Threshold
3.5
V
VM OFF
Mute OFF Threshold
1.5
V
IqST-BY
Quiescent Current @ Stand-by
0.6
1
mA
AMUTE
Mute Attenuation
50
65
dB
IstbyBIAS
Stand-by bias current
Stand by on VST-BY = 5V
VMUTE = 5V
80
µA
µA
Play or Mute
-20
-5
µA
ImuteBIAS
Mute bias current
Mute
1
5
µA
Play
0.2
2
µA
APPLICATION SUGGESTIONS
The recommended values of the external components are those shown on the application circuit of fig-
ure 1a. Different values can be used, the following table can help the designer.
COMPONENT
SUGGESTION
VALUE
PURPOSE
LARGER THAN
SUGGESTION
SMALLER THAN
SUGGESTION
R2
10K
Mute time constant
Larger mute on/off time
Smaller mute on/off time
C1
1000
µF
Supply voltage
bypass
Danger of oscillation
C2
470nF
Input DC decoupling
Lower low frequency cutoff
Higher low frequency cutoff
C3
470nF
Input DC decoupling
Lower low frequency cutoff
Higher low frequency cutoff
C4
470
µF
Ripple rejection
Better SVR
Worse SVR
C6
1000
µF
Output DC decoupling Lower low frequency cutoff
Higher low frequency cutoff
C7
1
µF
Mute time costant
Larger mute on/off time
Smaller mute on/off time
C8
1000
µF
Output DC decoupling Lower low frequency cutoff
Higher low frequency cutoff
C9
100nF
Supply voltage
bypass
Danger of oscillation
TDA7496S
3/10



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com