Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TDA7496S Datasheet(PDF) 4 Page - STMicroelectronics

Part # TDA7496S
Description  5W5W AMPLIFIER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7496S Datasheet(HTML) 4 Page - STMicroelectronics

  TDA7496S Datasheet HTML 1Page - STMicroelectronics TDA7496S Datasheet HTML 2Page - STMicroelectronics TDA7496S Datasheet HTML 3Page - STMicroelectronics TDA7496S Datasheet HTML 4Page - STMicroelectronics TDA7496S Datasheet HTML 5Page - STMicroelectronics TDA7496S Datasheet HTML 6Page - STMicroelectronics TDA7496S Datasheet HTML 7Page - STMicroelectronics TDA7496S Datasheet HTML 8Page - STMicroelectronics TDA7496S Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
OP AMP
+
-
MUTE/STBY
PROTECTIONS
1
C2 470nF
INR
30K
OP AMP
+
-
30K
C8 1000
µF
C6 1000
µF
C7
1
µF
R2 10K
5
C3 470nF
INL
8
S_GND
14
9
10
12
OUTR
S1 STBY
S2 MUTE
OUTL
11
C4 470
µF
SVR
7
D99AU1017
VS
PW_GND
15
13
C9
0.1
µF
C1
1000
µF
+VS
PW_GND
PW_GND
PW_GND
S_GND
+5V
+5V
Figure 1a: Application Circuit.
Figure 1b: P.C.B. and Component Layout.
TDA7496S
4/10



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com