Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TDA8198 Datasheet(PDF) 3 Page - STMicroelectronics

Part # TDA8198
Description  DOUBLE AUDIO SWITCH AND DC VOLUME CONTROL FOR TV
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA8198 Datasheet(HTML) 3 Page - STMicroelectronics

  TDA8198 Datasheet HTML 1Page - STMicroelectronics TDA8198 Datasheet HTML 2Page - STMicroelectronics TDA8198 Datasheet HTML 3Page - STMicroelectronics TDA8198 Datasheet HTML 4Page - STMicroelectronics TDA8198 Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
20
16
12
8
4
0.2
0.4
0.6
0.8
1
0
VOLTAGE INPUT (V
)
RMS
Figure 3 : Distortion versus Voltage Input
-20
-24
-28
-32
-36
-40
-44
10
11
12
13
14
15
16
SUPPLY VOLTAGE (V)
V
= 0.3V
IN
RMS
f = 100Hz
V= 5V
C
V= 0V
C
Figure 4 : Supply Voltage Rejection
-1
-2
-3
-4
-5
-6
-7
-8
-9
-10
-11
-12
01
23
456
VOLUME CONTROL (V)
Figure 5 : Volume Control Current versus
Voltage (pins 11 - 12)
400
350
300
250
200
150
100
50
0
-50
2
0
4
6
8
10
12
SWITCH VOLTAGE (V)
Figure 6 : Switch Current versus Voltage (pin 8)
20
-100
-80
0
-20
-40
-60
01
23456
VOLUME CONTROL (V)
V
= 0.3V
IN
RMS
f = 1kHz
Figure 1 : Gain versus Volume Control
0.45
0.40
0.35
0.30
0.25
0.20
0.15
0.10
0.05
2.5
3.5
4.5
5.5
VOLUME CONTROL (V)
V
= 0.25V
IN
RMS
f = 1kHz
Figure 2 : Distortion versus Volume Control
TDA8198
3/5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com