Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TDA8198 Datasheet(PDF) 4 Page - STMicroelectronics

Part # TDA8198
Description  DOUBLE AUDIO SWITCH AND DC VOLUME CONTROL FOR TV
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA8198 Datasheet(HTML) 4 Page - STMicroelectronics

  TDA8198 Datasheet HTML 1Page - STMicroelectronics TDA8198 Datasheet HTML 2Page - STMicroelectronics TDA8198 Datasheet HTML 3Page - STMicroelectronics TDA8198 Datasheet HTML 4Page - STMicroelectronics TDA8198 Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
5
8
VOLUME
CONTROL
4
+V
S
1k
Ω
1k Ω
REFERENCE
VOLTAGE
RIGHT
OUP UT
LEFT
OUTPUT
R L
10k
Ω
R L
10k
Ω
6
3
10
11
12
LEFT VOLUME
CONTROL
(0.5 to 5V)
RIGHT VOLUME
CONTROL
(0.5 to 5V)
RIGHT INP UT 1
S WITCH CONTROL
1k
Ω
1k Ω
7
9
LEFT INP UT 2
LEFT INP UT 1
RIGHT INTPUT 2
S WITCH
S WITCH
1
13
2.2
µF
2.2
µF
2.2
µF
2.2
µF
1
µF
1
µF
V
RE F
6.9V
TDA8198
VOLUME
CONTROL
APPLICATION DIAGRAM
TDA8198
4/5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com