Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TDA9113 Datasheet(PDF) 15 Page - STMicroelectronics

Part # TDA9113
Description  LOW-COST I2C CONTROLLED DEFLECTION PROCESSOR FOR MULTISYNC MONITOR
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA9113 Datasheet(HTML) 15 Page - STMicroelectronics

Back Button TDA9113 Datasheet HTML 11Page - STMicroelectronics TDA9113 Datasheet HTML 12Page - STMicroelectronics TDA9113 Datasheet HTML 13Page - STMicroelectronics TDA9113 Datasheet HTML 14Page - STMicroelectronics TDA9113 Datasheet HTML 15Page - STMicroelectronics TDA9113 Datasheet HTML 16Page - STMicroelectronics TDA9113 Datasheet HTML 17Page - STMicroelectronics TDA9113 Datasheet HTML 18Page - STMicroelectronics TDA9113 Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 50 page
background image
TDA9113
15/50
6.7 - DYNAMIC CORRECTION OUTPUTS SECTION
VCC = 12V, Tamb =25°C
Note 33:
HDC-AMP at minimum.
Note 34:
HDC-SYM at medium.
Symbol
Parameter
Test Conditi ons
Value
Units
Min.
Typ.
Max.
Horizont al Dynamic Correction output HDyCor
IHDyCor
Current delivered by HDyCor
output
-2
0
mA
VHD-DC
DC component of the drive signal
on HDyCor output
RL(HDyCor)=10kΩ
2.1
V
Temperature drift of DC component
of the drive signal on HDyCor
(18)
200
ppm/
°C
VHD-H
Amplitude of H-parabola compo-
nent of the drive signal on HDyCor
output
(33)(34)
HDyCorTr Off
HDC-AMP (Sad04):
x0000000b
x1000000b
x1111111b
3.7
1.5
0.9
V
V
V
Impact of horizontal size adjust-
ment on HDyCor parabola
(tracking) (35)
VHEHT constant
HSIZE (Sad10h):
00000000b
11111111b
(1.34)2
1
Impact of voltage on HEHTIn input
on HDyCor parabola (36)
HSIZE constant
VHEHT>VRefO
VHEHT=VRefO-4V
1
(1.07)2
tHD-Hoffset/TH
Offset (phase) of parabola on HDy-
Cor output (38)
HDC-SYM (Sad05):
x0000000b
x1000000b (39)
x1111111b
+24.5
0
-24.5
%
%
%
tHD-Hflat
Duration of the flat part at the start
of parabola on HDyCor output (38)
fHO=31kHz
500
ns
Vertical Dynamic Correction outpu t VDyCor
IVDyCor
Current delivered by VDyCor out-
put
-1.5
0
mA
VVD-DC
DC component of the drive signal
on VDyCor output
RL(VDyCor)=10kΩ
4V
IV
VD-VI
Amplitude of V-parabola on VDy-
Cor output(40)
(23)
VSIZE
at medium
VDC-AMP (Sad15h):
x0000000b
x1000000b
x1111111b
VDC-AMP at maximum
VSIZE (Sad07):
x0000000b
x1111111b
0
0.5
1
0.6
1.6
V
V
V
V
V
Tracking of V-parabola on VDyCor
output with vertical position (37)
VDC-AMP at maximum
VPOS (Sad08):
x0000000b
x1111111b
0.52
1.92
V
HD
DC
–
∆
V
HD
DC
–
T
∆
⋅
------------------------------------
V
HD
H
–
TrHS On
[]
V
HD
H
–
TrH SO f f
[]
---------------------------------------------------
V
HD
H
–
T rEHT O n
[]
V
HD
H
–
T rEHT O f f
[]
-------------------------------------------------------
V
VD
V
–
t
vr
0
=
[]
V
VD
V
–
t
vr
T
VR
=
[]
--------------------------------------------------



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com