Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TDA9113 Datasheet(PDF) 20 Page - STMicroelectronics

Part # TDA9113
Description  LOW-COST I2C CONTROLLED DEFLECTION PROCESSOR FOR MULTISYNC MONITOR
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA9113 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button TDA9113 Datasheet HTML 16Page - STMicroelectronics TDA9113 Datasheet HTML 17Page - STMicroelectronics TDA9113 Datasheet HTML 18Page - STMicroelectronics TDA9113 Datasheet HTML 19Page - STMicroelectronics TDA9113 Datasheet HTML 20Page - STMicroelectronics TDA9113 Datasheet HTML 21Page - STMicroelectronics TDA9113 Datasheet HTML 22Page - STMicroelectronics TDA9113 Datasheet HTML 23Page - STMicroelectronics TDA9113 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 50 page
background image
TDA9113
20/50
Vertical moiré
amplitude
0B
VOut
x0000000:
Null
x1111111:
Max.
Horizontal size
10h
EWOut
00000000
11111111
Keystone
correction
0D
EWOut
x0000000
x1111111
Pin cushion
correction
0C
EWOut
x0000000
x1111111
Top corner
correction
0E
EWOut
x1111111
x0000000
Bottom corner
correction
0F
EWOut
x1111111
x0000000
Function
Sad
Pin
Byte
Waveform
Effect on Screen
Vamp
t
nTV
(n+1)TV
(n-1)TV
VV-moiré
Vamp
t
nTV
(n+1)TV
(n-1)TV
tVR
0
1/2TVR
TVR
VEW-DC(min)
tVR
0
1/2TVR
TVR
VEW-DC(max)
VEW-key
VEW-DC
VEW-key
VEW-DC
tVR
0
1/2TVR
TVR
VEW-PCC(min)
tVR
0
1/2TVR
TVR
VEW-PCC(max)
tVR
0
1/2TVR
TVR
VEW-TCor(max)
tVR
0
1/2TVR
TVR
VEW-TCor(min)
tVR
0
1/2TVR
TVR
VEW-TBot(max)
tVR
0
1/2TVR
TVR
VEW-TBot(min)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com