Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

CY8CTST120 Datasheet(PDF) 9 Page - Cypress Semiconductor

Part # CY8CTST120
Description  TrueTouch??Single-Touch Touchscreen Controller
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY8CTST120 Datasheet(HTML) 9 Page - Cypress Semiconductor

Back Button CY8CTST120 Datasheet HTML 5Page - Cypress Semiconductor CY8CTST120 Datasheet HTML 6Page - Cypress Semiconductor CY8CTST120 Datasheet HTML 7Page - Cypress Semiconductor CY8CTST120 Datasheet HTML 8Page - Cypress Semiconductor CY8CTST120 Datasheet HTML 9Page - Cypress Semiconductor CY8CTST120 Datasheet HTML 10Page - Cypress Semiconductor CY8CTST120 Datasheet HTML 11Page - Cypress Semiconductor CY8CTST120 Datasheet HTML 12Page - Cypress Semiconductor CY8CTST120 Datasheet HTML 13Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 32 page
background image
CY8CTST120
Document Number: 001-46932 Rev. *B
Page 9 of 32
100-Pin Part Pinout (On-Chip Debug)
The 100-pin TQFP part is the CY8CTST120 On-Chip Debug (OCD) TrueTouch device.
Note This part is only used for in-circuit debugging. It is NOT available for production.
Figure 6. CY8CTST120 OCD
Table 3. 100-Pin Part Pinout (TQFP)
Pin
No.
Name
Description
Pin
No.
Name
Description
1
NC
No Connection. Leave floating.
51
IO
MP1[6]
2
NC
No Connection. Leave floating.
52
IO
MP5[0]
3
IO
I, M
P0[1]
Analog column mux input.
53
IO
MP5[2]
4
IO
M
P2[7]
54
IO
M
P5[4]
5
IO
M
P2[5]
55
IO
M
P5[6]
6
IO
I, M
P2[3]
Direct switched capacitor block input.
56
IO
MP3[0]
7
IO
I, M
P2[1]
Direct switched capacitor block input.
57
IO
MP3[2]
8
IO
M
P4[7]
58
IO
M
P3[4]
9
IO
M
P4[5]
59
IO
M
P3[6]
10
IO
MP4[3]
60
HCLK OCD high-speed clock output.
11
IO
MP4[1]
61
CCLK OCD CPU clock output.
12
OCDE OCD even data IO.
62
Input
XRES Active high pin reset with internal pull down.
13
OCDO OCD odd data output.
63
IO
M
P4[0]
14
NC
No Connection. Leave floating.
64
IO
MP4[2]
15
Power
Vss
Ground connection.
65
Power
Vss
Ground. Connect to circuit ground.
16
IO
M
P3[7]
66
IO
M
P4[4]
17
IO
M
P3[5]
67
IO
M
P4[6]
18
IO
MP3[3]
68
IO
I, M
P2[0]
Direct switched capacitor block input.
19
IO
MP3[1]
69
IO
I, M
P2[2]
Direct switched capacitor block input.
20
IO
M
P5[7]
70
IO
P2[4]
External Analog Ground (AGND) input.
21
IO
M
P5[5]
71
NC
No connection. Leave floating.
22
IO
MP5[3]
72
IO
P2[6]
External Voltage Reference (VREF) input.
TQFP
NC
NC
AI, M , P0[1]
M,P2[7 ]
M,P2[5 ]
AI, M , P2[3]
AI, M , P2[1]
M,P4[7 ]
M,P4[5 ]
M,P4[3 ]
M,P4[1 ]
OCDE
OCDO
NC
Vss
M,P3[7 ]
M,P3[5 ]
M,P3[3 ]
M,P3[1 ]
M,P5[7 ]
M,P5[5 ]
M,P5[3 ]
M,P5[1 ]
I2 C SCL, P1[7]
NC
NC
P0[0], M , AI
NC
P2[6], M ,External VREF
NC
P2[4], M ,External AGND
P2[2], M , AI
P2[0], M , AI
P4[6],M
P4[4],M
Vss
P4[2],M
P4[0],M
XRES
CCLK
HCLK
P3[6],M
P3[4],M
P3[2],M
P3[0],M
P5[6],M
P5[4],M
P5[2],M
P5[0],M
P1[6],M
75
74
73
72
71
70
69
68
67
66
65
64
63
62
61
60
59
58
57
56
55
54
53
52
51
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
1
2
3
4
5
6
7
8
9
[+] Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com