Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

CS5463 Datasheet(PDF) 19 Page - Cirrus Logic

Part # CS5463
Description  Single Phase, Bi-directional Power/Energy IC
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5463 Datasheet(HTML) 19 Page - Cirrus Logic

Back Button CS5463 Datasheet HTML 15Page - Cirrus Logic CS5463 Datasheet HTML 16Page - Cirrus Logic CS5463 Datasheet HTML 17Page - Cirrus Logic CS5463 Datasheet HTML 18Page - Cirrus Logic CS5463 Datasheet HTML 19Page - Cirrus Logic CS5463 Datasheet HTML 20Page - Cirrus Logic CS5463 Datasheet HTML 21Page - Cirrus Logic CS5463 Datasheet HTML 22Page - Cirrus Logic CS5463 Datasheet HTML 23Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 46 page
background image
CS5463
DS678F2
19
Output pin E3 is high when the line voltage is positive
and pin E3 is low when the line voltage is negative.
5.5.5 PFMON Output Mode
Setting bit E3MODE[1:0] = 1 (01b) in the Operational
Mode Register
outputs the state of the PFMON compar-
ator on pin E3. Figure 8 illustrates the output format with
PFMON on E3
When PFMON is greater then the threshold, pin E3 is
high and when PFMON is less than the threshold pin E3
is low.
5.5.6 Design Example
EXAMPLE #1:
The maximum rated levels for a power line meter are
250 V rms and 20 A rms. The required number of puls-
es-per-second on E1 is 100 pulses per second
(100 Hz), when the levels on the power line are
220 V rms and 15 A rms.
With a 10x gain on the voltage and current channel the
maximum input signal is 250 mVP. (See Section 5.1 An-
alog Inputs
on page 16.) To prevent over-driving the
channel inputs, the maximum rated rms input levels will
register 0.6 in VRMS and IRMS by design. Therefore the
voltage level at the channel inputs will be 150 mV rms
when the maximum rated levels on the power lines are
250 V rms and 20 A rms.
Solving for PulseRate using the transfer function:
Therefore with PF = 1 and:
the pulse rate is:
and the PulseRateE Register is set to:
with MCLK = 4.096 MHz and K = 1.
5.6 Sag and Fault Detect Feature
Status bit VSAG and IFAULT in the Status Register, in-
dicates a sag occurred in the power line voltage and
current, respectively. For a sag condition to be identi-
fied, the absolute value of the instantaneous voltage or
current must be less than the sag level for more than
half of the sag duration (see Figure 9).
To activate voltage sag detection, a voltage sag level
must be specified in the Voltage Sag Level Register
(VSAGLevel), and a voltage sag duration must be spec-
ified in the Voltage Sag Duration Register (VSAGDura-
tion
). To activate current fault detection, a current sag
level must be specified in the Current Fault Level Reg-
ister
(ISAGLevel), and a current sag duration must be
specified in the Current Fault Duration Register (ISAG-
Duration
). The voltage and current sag levels are speci-
fied as the average of the absolute instantaneous
voltage and current, respectively. Voltage and current
sag duration is specified in terms of ADC cycles.
5.7 No Load Threshold
The No Load Threshold register (LoadMin) is used to
disable the active energy pulse output when the magni-
tude of the PActive register is less than the value in the
LoadMin register.
5.8 On-chip Temperature Sensor
The on-chip temperature sensor is designed to assist in
characterizing the measurement element over a desired
temperature range. Once a temperature characteriza-
tion is performed, the temperature sensor can then be
utilized to assist in compensating for temperature drift.
Temperature measurements are performed during con-
tinuous conversions and stored in the Temperature
Register
. The Temperature Register (T) default is Cel-
sius scale (°C). The Temperature Gain Register (Tgain)
and Temperature Offset Register (Toff) are constant val-
ues allowing for temperature scale conversions.
E3
E2
E1
Above PFMON Threshold
Below PFMON Threshold
Figure 8. PFMON output to pin E3
PulseRate
FREQ
P
VREFIN
2
×
VIN
VGAIN
×
IIN
×
IGAIN
PF
×
×
---------------------------------------------------------------------------------------------
=
VIN
220V
150mV
() 250V
()
⁄
()
×
132mV
==
IIN
15A
150mV
() 20A
()
⁄
()
×
112.5mV
==
PulseRate
100
2.5
2
×
0.132
10
×
0.1125
×
10
×
-----------------------------------------------------------------
420.8754Hz
==
PulseRateE
PulseRate
MCLK K
⁄
() 2048
⁄
----------------------------------------
0.2104377
==
Level
Duration
Figure 9. Sag and Fault Detect



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com