Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

CS5463 Datasheet(PDF) 28 Page - Cirrus Logic

Part # CS5463
Description  Single Phase, Bi-directional Power/Energy IC
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5463 Datasheet(HTML) 28 Page - Cirrus Logic

Back Button CS5463 Datasheet HTML 24Page - Cirrus Logic CS5463 Datasheet HTML 25Page - Cirrus Logic CS5463 Datasheet HTML 26Page - Cirrus Logic CS5463 Datasheet HTML 27Page - Cirrus Logic CS5463 Datasheet HTML 28Page - Cirrus Logic CS5463 Datasheet HTML 29Page - Cirrus Logic CS5463 Datasheet HTML 30Page - Cirrus Logic CS5463 Datasheet HTML 31Page - Cirrus Logic CS5463 Datasheet HTML 32Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 46 page
background image
CS5463
28
DS678F2
6.1.6 Instantaneous Current, Voltage, and Power Registers ( I , V , P )
Address: 7 (Instantaneous Current); 8 (Instantaneous Voltage); 9 (Instantaneous Power)
I and V contain the instantaneous measured values for current and voltage, respectively. The instantaneous
voltage and current samples are multiplied to obtain Instantaneous Power (P). The value is represented in two's
complement notation and in the range of -1.0
≤ I, V, P < 1.0, with the binary point to the right of the MSB.
6.1.7 Active (Real) Power Register ( PActive )
Address: 10 (Active Power)
The instantaneous power is averaged over each computation cycle (N conversions) to compute Active Power
(PActive). The value will be within in the range of -1.0 ≤ PActive< 1.0. The value is represented in two's complement
notation, with the binary point to the right of the MSB.
6.1.8 RMS Current & Voltage Registers ( IRMS , VRMS )
Address: 11 (IRMS); 12 (VRMS)
IRMS and VRMS contain the Root Mean Square (RMS) values of I and V, calculated each computation cycle. The
value is represented in unsigned binary notation and in the range of 0.0
≤ IRMS,VRMS < 1.0, with the binary point
to the left of the MSB.
6.1.9 Epsilon Register (
ε )
Address: 13
Default = 0x01999A = 0.0125 sec
Epsilon (
ε) is the ratio of the input line frequency to the sample frequency of the ADC (See Section 5.4 Perform-
ing Measurements
on page 16). Epsilon is either written to the register, or measured during conversions. The
value is represented in two's complement notation and in the range of -1.0
≤
ε < 1.0, with the binary point to the
right of the MSB. Negative values have no significance.
MSB
LSB
-(20)2-1
2-2
2-3
2-4
2-5
2-6
2-7
.....
2-17
2-18
2-19
2-20
2-21
2-22
2-23
MSB
LSB
-(20)2-1
2-2
2-3
2-4
2-5
2-6
2-7
.....
2-17
2-18
2-19
2-20
2-21
2-22
2-23
MSB
LSB
2-1
2-2
2-3
2-4
2-5
2-6
2-7
2-8
.....
2-18
2-19
2-20
2-21
2-22
2-23
2-24
MSB
LSB
-(20)2-1
2-2
2-3
2-4
2-5
2-6
2-7
.....
2-17
2-18
2-19
2-20
2-21
2-22
2-23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com