Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ATSAM3703 Datasheet(PDF) 25 Page - ATMEL Corporation

Part # ATSAM3703
Description  Audio Processing
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATSAM3703 Datasheet(HTML) 25 Page - ATMEL Corporation

Back Button ATSAM3703 Datasheet HTML 21Page - ATMEL Corporation ATSAM3703 Datasheet HTML 22Page - ATMEL Corporation ATSAM3703 Datasheet HTML 23Page - ATMEL Corporation ATSAM3703 Datasheet HTML 24Page - ATMEL Corporation ATSAM3703 Datasheet HTML 25Page - ATMEL Corporation ATSAM3703 Datasheet HTML 26Page - ATMEL Corporation ATSAM3703 Datasheet HTML 27Page - ATMEL Corporation ATSAM3703 Datasheet HTML 28Page - ATMEL Corporation ATSAM3703 Datasheet HTML 29Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 36 page
background image
25
6237A–DRMSD–29-May-06
ATSAM3703
9.4.3.3
Timing
General Parameters
The SDR is used with parameters as in Table 9-10.
Command Sequencing
The SDRAM device must support following parameters.
Table 9-10.
SDR General Parameters
Symbol
Parameter
Value
(50 MHz)
Value
(100 MHz)
tCK
Clock cycle time
20 ns
10 ns
CL
Mode Register
CAS Latency
2 cycles
2 cycles
Burst length
4 data
4 data
Burst type
sequential
sequential
Operating mode
normal
normal
Output drive strength
normal
normal
Table 9-11.
Supported Parameters
Symbol
Parameter
Value
(50 MHz)
Value
(100 MHz)
t
MRD
MODE REGISTER SET command cycle time
min 40 ns
min 20 ns
t
RAS
ACTIVE to PRECHARGE command
min 60 ns
max 70 us
min 50 ns
max 70 us
tRC
ACTIVE to ACTIVE/AUTO REFRESH command period
min 80 ns
min 70 ns
tRFC
AUTO REFRESH to ACTIVE/AUTO REFRESH
command period
min 80 ns
min 70 ns
tRCD
ACTIVE to READ or WRITE delay
min 20 ns
min 20 ns
t
RP
PRECHARGE command period
min 20 ns
min 20 ns
t
RRD
ACTIVE bank a to ACTIVE bank b command
min 20 ns
min 20 ns
tWR
WRITE recovery time
min 20 ns
min 20 ns
t
XSNR
Exit self refresh to non-READ command
min 80 ns
min 80 ns
t
XSRD
Exit self refresh to READ command
min 4 us
min 2 us
tREFI
Average periodic REFRESH interval
7.8 us
7.8 us



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com