Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ATSAM3703 Datasheet(PDF) 29 Page - ATMEL Corporation

Part # ATSAM3703
Description  Audio Processing
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATSAM3703 Datasheet(HTML) 29 Page - ATMEL Corporation

Back Button ATSAM3703 Datasheet HTML 25Page - ATMEL Corporation ATSAM3703 Datasheet HTML 26Page - ATMEL Corporation ATSAM3703 Datasheet HTML 27Page - ATMEL Corporation ATSAM3703 Datasheet HTML 28Page - ATMEL Corporation ATSAM3703 Datasheet HTML 29Page - ATMEL Corporation ATSAM3703 Datasheet HTML 30Page - ATMEL Corporation ATSAM3703 Datasheet HTML 31Page - ATMEL Corporation ATSAM3703 Datasheet HTML 32Page - ATMEL Corporation ATSAM3703 Datasheet HTML 33Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 36 page
background image
29
6237A–DRMSD–29-May-06
ATSAM3703
9.6
Serial MIDI_IN and MIDI_OUT
The serial MIDI IN and OUT signals are asynchronous signals following the MIDI transmission
standard:
• Baud rate: 31.25 kHz
• Format: start bit(0), 8 data bits, stop bit(1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com