Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

RH1814 Datasheet(PDF) 1 Page - Linear Technology

Part # RH1814
Description  Dual 3mA, 100MHz, 750V/關s Operational Amplifi er
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

RH1814 Datasheet(HTML) 1 Page - Linear Technology

  RH1814 Datasheet HTML 1Page - Linear Technology RH1814 Datasheet HTML 2Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
DICE SPECIFICATION
1
RH1814
Information furnished by Linear Technology Corporation is believed to be accurate and reliable.
However, no responsibility is assumed for its use. Linear Technology Corporation makes no representa-
tion that the interconnection of its circuits as described herein will not infringe on existing patent rights.
VS = ±5V, VCM = 0V, TA = 25°C unless otherwise noted.
PAD FUNCTION
1.
2.
3.
4.
5.
6.
7.
8.
OUTPUT A
–INA
+INA
V
+INB
–INB
OUTPUT B
V+
40mils
× 45mils,
Thickness: 12mils.
Backside metal: Gold.
DIE CROSS REFERENCE
LTC Finished
Part Number
Order DICE CANDIDATE
Part Number Below
RH1814
RH1814 DICE
Please refer to LTC standard product data sheet for
other applicable product information.
Note: Backside (substrate) maybe connected to Vor
no connection.
Dual 3mA, 100MHz, 750V/µs
Operational Amplifier
, LT, LTC and LTM are registered trademarks of Linear Technology Corporation.
All other trademarks are the property of their respective owners.
DICE ELECTRICAL TEST LIMITS
SYMBOL
PARAMETER
CONDITIONS
MIN
MAX
UNITS
VOS
Input Offset Voltage
(Note 3)
1.5
mV
IOS
Input Offset Current
400
nA
IB
Input Bias Current
±4
μA
RIN
Input Resistance
VCM = ±3.5V
3
AVOL
Large-Signal Voltage Gain
VO = ±3V, RL ≥ 500Ω
1.5
V/mV
VO = ±3V, RL ≥ 100Ω
1
V/mV
Input Voltage Range
Guaranteed by CMRR
±3.5
V
CMRR
Common-Mode Rejection Ratio
VCM = ±3.5V
75
dB
ABSOLUTE MAXIMUM RATINGS
Supply Voltage .......................................................12.6V
Differential Input Voltage (Note 2).............................±6V
Input Voltage............................................................. ±VS
(Note 1)
Output Short-Circuit Duration .......................... Indefinite
Junction Temperature ........................................... 150°C
1
2
3
4
5
6
7
8


Similar Part No. - RH1814

ManufacturerPart #DatasheetDescription
logo
Linear Technology
RH1814 LINER-RH1814 Datasheet
130Kb / 2P
Dual 3mA, 100MHz, 750V/s Operational Amplifi er
RH1814M LINER-RH1814M Datasheet
88Kb / 8P
Quad 3mA, 100MHz, 750V/關s Operational Amplifier
RH1814M LINER-RH1814M Datasheet
648Kb / 8P
Quad 3mA, 100MHz, 750V/s Operational Amplifier
logo
Analog Devices
RH1814M AD-RH1814M Datasheet
261Kb / 8P
Quad 3mA, 100MHz, 750V/μs Operational Amplifier
Rev. D
logo
Linear Technology
RH1814M LINER-RH1814M_15 Datasheet
648Kb / 8P
Quad 3mA, 100MHz, 750V/s Operational Amplifier
More results

Similar Description - RH1814

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1812 LINER-LT1812 Datasheet
202Kb / 12P
3mA, 100MHz, 750V/us Operational Amplifier with Shutdown
LT1813 LINER-LT1813 Datasheet
204Kb / 12P
Dual 3mA, 100MHz, 750V/us Operational Amplifier
RH1814M LINER-RH1814M Datasheet
88Kb / 8P
Quad 3mA, 100MHz, 750V/關s Operational Amplifier
LT1812 LINER-LT1812_1 Datasheet
230Kb / 16P
3mA, 100MHz, 750V/ms Operational Amplifier with Shutdown
LT1813 LINER-LT1813_1 Datasheet
244Kb / 16P
Dual/Quad 3mA, 100MHz, 750V/짰 Operational Amplifiers
RH1814 LINER-RH1814_15 Datasheet
130Kb / 2P
Dual 3mA, 100MHz, 750V/s Operational Amplifi er
RH1814M LINER-RH1814M_15 Datasheet
648Kb / 8P
Quad 3mA, 100MHz, 750V/s Operational Amplifier
LT1812 LINER-LT1812_15 Datasheet
250Kb / 16P
3mA, 100MHz, 750V/s Operational Amplifi er with Shutdown
LT1813 LINER-LT1813_15 Datasheet
250Kb / 16P
Dual/Quad 3mA, 100MHz, 750V/s Operational Amplifiers
LT1814 LINER-LT1814_15 Datasheet
250Kb / 16P
Dual/Quad 3mA, 100MHz, 750V/s Operational Amplifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com