Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

RH1814 Datasheet(PDF) 2 Page - Linear Technology

Part # RH1814
Description  Dual 3mA, 100MHz, 750V/關s Operational Amplifi er
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

RH1814 Datasheet(HTML) 2 Page - Linear Technology

  RH1814 Datasheet HTML 1Page - Linear Technology RH1814 Datasheet HTML 2Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
DICE SPECIFICATION
2
RH1814
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408) 432-1900 ● FAX: (408) 434-0507 ● www.linear.com
© LINEAR TECHNOLOGY CORPORATION 2007
LT 0807 • PRINTED IN USA
Wafer level testing is performed per the indicated specifications for dice. Considerable differences in performance can often be observed for dice versus
packaged units due to the influences of packaging and assembly on certain devices and/or parameters. Please consult factory for more information
on dice performance and lot qualifications via lot sampling test procedures.
Dice data sheet subject to change. Please consult factory for current revision in production.
I.D.No. 66-13-1814
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: Differential inputs of ±6V are appropriate for transient operation
only, such as during slewing. Large sustained differential inputs can cause
excessive power dissipation and may damage the part.
Note 3: Input offset voltage is pulse tested and is exclusive of warm-up
drift.
SYMBOL
PARAMETER
CONDITIONS
MIN
MAX
UNITS
PSRR
Power Supply Rejection Ratio
VS = ±2V to ±5.5V
78
dB
Channel Separation
VO = ±3V, RL = 100Ω
82
dB
VOUT
Output Voltage Swing
RL = 500Ω, 30mV Overdrive
±3.8
V
RL = 100Ω, 30mV Overdrive
±3.35
V
IOUT
Maximum Output Current
VOUT = ±3V, 30mV Overdrive
±40
mA
ISC
Output Short-Circuit Current
VOUT = 0V, 1V Overdrive
±75
mA
IS
Supply Current
Per Amplifier
3.6
mA
SYMBOL
PARAMETER
CONDITIONS
MIN
MAX
UNITS
VOS
Input Offset Voltage
(Note 3)
2
mV
IOS
Input Offset Current
400
nA
IB
Input Bias Current
±4
μA
RIN
Input Resistance
VCM = 1.5V to 3.5V
3
MΩ
AVOL
Large-Signal Voltage Gain
VO = 1.5V to 3.5V, RL ≥ 500Ω
1
V/mV
VO = 1.5V to 3.5V, RL ≥ 100Ω
0.7
V/mV
Input Voltage Range (Positive)
Guaranteed by CMRR
3.5
V
Input Voltage Range (Negative)
Guaranteed by CMRR
1.5
V
CMRR
Common-Mode Rejection Ratio
VCM = 1.5V to 3.5V
73
dB
PSRR
Power Supply Rejection Ratio
VS = ±2V to ±5.5V
78
dB
Channel Separation
VOUT = 1.5V to 3.5V, RL = 100Ω
81
mA
VOUT
Output Voltage Swing (Positive)
RL = 500Ω, 30mV Overdrive
3.9
V
RL = 100Ω, 30mV Overdrive
3.7
V
VOUT
Output Voltage Swing (Negative)
RL = 500Ω, 30mV Overdrive
1.1
V
RL = 100Ω, 30mV Overdrive
1.3
V
IOUT
Maximum Output Current
VOUT = 1.5V to 3.5V, 30mV Overdrive
±25
mA
ISC
Output Short-Circuit Current
VOUT = 2.5V, 1V Overdrive
±55
mA
IS
Supply Current
Per Amplifier
4
mA
VS = 5V, VCM = 0V, TA = 25°C unless otherwise noted.
DICE ELECTRICAL TEST LIMITS (Pre-Irradiation)
VS = ±5V, VCM = 0V, TA = 25°C unless otherwise noted.
DICE ELECTRICAL TEST LIMITS



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com