Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

XC9515 Datasheet(PDF) 18 Page - Torex Semiconductor

Part # XC9515
Description  2 channel Synchronous Step-Down DC/DC Converter with Manual Reset
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC9515 Datasheet(HTML) 18 Page - Torex Semiconductor

Back Button XC9515 Datasheet HTML 13Page - Torex Semiconductor XC9515 Datasheet HTML 14Page - Torex Semiconductor XC9515 Datasheet HTML 15Page - Torex Semiconductor XC9515 Datasheet HTML 16Page - Torex Semiconductor XC9515 Datasheet HTML 17Page - Torex Semiconductor XC9515 Datasheet HTML 18Page - Torex Semiconductor XC9515 Datasheet HTML 19Page - Torex Semiconductor XC9515 Datasheet HTML 20Page - Torex Semiconductor XC9515 Datasheet HTML 21Page - Torex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 18 / 21 page
background image
18/21
XC9515 Series
VIN=5V,VOUT1=1.5V,VOUT2=3.3V,FOSC=1MHz,
VIN=5V,VOUT1=1.5V,VOUT2=3.3V,FOSC=1MHz,
VIN=5V,VOUT1=1.5V,VOUT2=3.3V,FOSC=1MHz,
VIN=5V,VOUT1=1.5V,VOUT2=3.3V,FOSC=1MHz,
50μs/div
200μs/div
50μs/div
200μs/div
50μs/div
200μs/div
50μs/div
200μs/div
VOUT1=200mV/div
VOUT2=200mV/div
IOUT1=200mA
IOUT1=1mA
VOUT1=200mV/div
VOUT2=200mV/div
IOUT1=1mA
IOUT1=200mA
VOUT1=200mV/div
VOUT2=200mV/div
IOUT1=800mA
IOUT1=200mA
VOUT1=200mV/div
VOUT2=200mV/div
IOUT1=200mA
IOUT1=800mA
VOUT1=200mV/div
VOUT2=200mV/div
IOUT2=200mA
IOUT2=1mA
VOUT1=200mV/div
VOUT2=200mV/div
IOUT2=1mA
IOUT2=200mA
VOUT1=200mV/div
VOUT2=200mV/div
IOUT2=800mA
IOUT2=200mA
VOUT1=200mV/div
VOUT2=200mV/div
IOUT2=200mA
IOUT2=800mA
■TYPICAL PERFORMANCE CHARACTERISTICS (Continued)
(5) Load Transient Response
VIN=5V, VOUT1=1.5V, VOUT2=3.3V, fOSC=1MHz
VIN=5V, VOUT1=1.5V, VOUT2=3.3V, fOSC=1MHz
VIN=5V, VOUT1=1.5V, VOUT2=3.3V, fOSC=1MHz
VIN=5V, VOUT1=1.5V, VOUT2=3.3V, fOSC=1MHz
50μs/div
200μs/div
50μs/div
200μs/div
50μs/div
200μs/div
50μs/div
200μs/div



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com