Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TN2501N8 Datasheet(PDF) 3 Page - Supertex, Inc

Part # TN2501N8
Description  N-Channel Enhancement-Mode Vertical DMOS FETs
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

TN2501N8 Datasheet(HTML) 3 Page - Supertex, Inc

  TN2501N8 Datasheet HTML 1Page - Supertex, Inc TN2501N8 Datasheet HTML 2Page - Supertex, Inc TN2501N8 Datasheet HTML 3Page - Supertex, Inc TN2501N8 Datasheet HTML 4Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
Output Characteristics
5
4
3
2
1
0
010
20
VDS (volts)
VDS (volts)
Saturation Characteristics
1.0
0.8
0.6
0.4
0.2
02
4
6
10
8
VDS (volts)
Maximum Rated Safe Operating Area
0.1
100
10
1.0
0.1
1.0
10
0.01
Thermal Response Characteristics
1.0
0.8
0.6
0.4
0.2
0.001
10
0.01
0.1
1
tp (seconds)
Transconductance vs. Drain Current
1.0
0.5
0
0
0.2
0.4
ID (amperes)
Power Dissipation vs. Ambient Temperature
0
150
100
50
2.0
1.0
0
125
75
25
TA (°C)
TO-243AA(pulsed)
1V
VGS =4V
0
8V
6V
4V
0
3V
VGS = 10V
TO-243AA (DC)
TO-243AA
0.6
1.0
0.8
2V
3V
VDS
VDS =3V
TA =25°C
TO-243AA
TA =25°C
PD = 1.6W
TA = -55°C
25°C
125°C
Typical Performance Curves
TN2501



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com