Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TN2501N8 Datasheet(PDF) 4 Page - Supertex, Inc

Part # TN2501N8
Description  N-Channel Enhancement-Mode Vertical DMOS FETs
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

TN2501N8 Datasheet(HTML) 4 Page - Supertex, Inc

  TN2501N8 Datasheet HTML 1Page - Supertex, Inc TN2501N8 Datasheet HTML 2Page - Supertex, Inc TN2501N8 Datasheet HTML 3Page - Supertex, Inc TN2501N8 Datasheet HTML 4Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
4
1235 Bordeaux Drive, Sunnyvale, CA 94089
TEL: (408) 744-0100 • FAX: (408) 222-4895
www.supertex.com
11/12/01
©2001 Supertex Inc. All rights reserved. Unauthorized use or reproduction prohibited.
Gate Drive Dynamic Characteristics
Q (nanocoulombs)
G
V(th) and RDS Variation with Temperature
On-Resistance vs. ID
Tj (°C)
Tj (°C)
Transfer Characteristics
VGS (volts)
Capacitance vs. Drain-to-Source Voltage
100
VDS (volts)
ID (amperes)
BVDSS Variation with Temperature
05
10
15
20
75
50
0
02468
10
-50
0
50
100
150
1.1
1.0
10
8
6
4
2
0
1.4
1.2
1.0
0.8
0.6
10
8
6
4
2
0
0.4
0.8
1.2
1.6
2.0
-50
0
50
100
150
60pF
VDS = 15V
VDS = 10V
VGS = 2V
VGS = 3V
0
0.2
0.4
0.6
1.0
0.8
f = 1MHz
CISS
COSS
CRSS
0.9
130 pF
1.6
1.4
1.2
1.0
0.8
0.6
V(th) @ 1mA
RDS(ON) @ 3V, 0.2A
25
0
1.0
0.8
0.6
0.4
0.2
0
TA = -55°C
VDS = 15V
25°C
125°C
Typical Performance Curves
TN2501



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com