Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

KAS516 Datasheet(PDF) 2 Page - Guangdong Kexin Industrial Co.,Ltd

Part # KAS516
Description  High Speed Switching Diodes
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

KAS516 Datasheet(HTML) 2 Page - Guangdong Kexin Industrial Co.,Ltd

  KAS516 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd KAS516 Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd KAS516 Datasheet HTML 3Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
www.kexin.com.cn
2
SMD Type
■ Electrical Characteristics Curves
Transistors
Diodes
500
400
300
200
100
0
MGM762
0
50
100
150
200
T (℃)
s
Maximum Permissible Continuous
Forward Current As A Function Of
Soldering Point Temperature.
MBG382
300
200
100
0
01
2
V (V)
F
Forward Current As A Function
Of Forward Voltage.
T
= 150℃
j
T
= 25℃
j
Typ.
Typ.
Max.
10
100
1000
10000
MBG704
1
100
10
1
0.1
tp
(μs)
T
= 25℃
j
Maximum Permissible Non-repetitive Peak Forward Current As A Function Of Pulse Duration.
KAS516 (BAS516)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com