Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

KAS516 Datasheet(PDF) 3 Page - Guangdong Kexin Industrial Co.,Ltd

Part # KAS516
Description  High Speed Switching Diodes
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

KAS516 Datasheet(HTML) 3 Page - Guangdong Kexin Industrial Co.,Ltd

  KAS516 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd KAS516 Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd KAS516 Datasheet HTML 3Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
www.kexin.com.cn
3
SMD Type
Diodes
0
100
200
10
100
1000
10000
100000
T (℃)
j
MGA884
VR = 75V
VR = 75V
VR = 25V
Max
Typ
Typ
Reverse Current As A Function Of
Junction Temperature.
MBK881
04
8
12
16
0
0.2
0.4
0.6
V (V)
R
f = 1MHZ
Tj=25℃
Diode Capacitance As A Function
Of Reverse Voltage(Typical Values)
KAS516 (BAS516)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com