Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

2N6933 Datasheet(PDF) 2 Page - Inchange Semiconductor Company Limited

Part # 2N6933
Description  isc Silicon NPN Power Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

2N6933 Datasheet(HTML) 2 Page - Inchange Semiconductor Company Limited

  2N6933 Datasheet HTML 1Page - Inchange Semiconductor Company Limited 2N6933 Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
INCHANGE Semiconductor
isc Product Specification
isc Silicon NPN Power Transistor
2N6933/34/35
ELECTRICAL CHARACTERISTICS
TC=25℃ unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN
MAX
UNIT
2N6933
300
2N6934
350
VCEO(SUS)
Collector-Emitter
Sustaining Voltage
2N6935
IC= 0.2A ;L= 25mH
400
V
V(BR)EBO
Emitter-Base Breakdown Voltage
IE= 50mA; IC= 0
8
V
VCE(sat)
Collector-Emitter Saturation Voltage
IC= 15A; IB= 3A
IC= 15A; IB= 3A; TC= 100℃
1.0
2.0
V
VBE(sat)
Base-Emitter Saturation Voltage
IC= 15A; IB= 3A
IC= 15A; IB= 3A; TC= 100℃
1.5
1.5
V
ICEV
Collector Cutoff Current
VCE= VCEV; VBE= -1.5V
VCE= VCEV; VBE= -1.5V; TC= 100℃
0.1
1.0
mA
IEBO
Emitter Cutoff Current
VEB= 8V; IC=0
2.0
mA
hFE
DC Current Gain
IC= 15A ; VCE= 3V
8
35
COB
Output Capacitance
IE= 0;VCB= 10V,ftest= 1.0MHz
150
pF
Switching Times; Resistive Load
td
Delay Time
0.1
μs
tr
Rise Time
0.7
μs
ts
Storage Time
2.5
μs
tf
Fall Time
IC= 15A; IB1= -IB2= 3A; RL= 20Ω;
VBB= -5V; VCC= 300V; tp= 30μs
0.5
μs
isc Website:www.iscsemi.cn
2



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com