Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

2N6933 Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # 2N6933
Description  isc Silicon NPN Power Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

2N6933 Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  2N6933 Datasheet HTML 1Page - Inchange Semiconductor Company Limited 2N6933 Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
INCHANGE Semiconductor
isc Product Specification
isc Silicon NPN Power Transistor
2N6933/34/35
DESCRIPTION
·High Switching Speed
·High Voltage
APPLICATIONS
·Off-line power supplies
·High voltage inverters
·Switching regulators
ABSOLUTE MAXIMUM RATINGS(Ta=25℃)
SYMBOL
PARAMETER
VALUE
UNIT
2N6933
450
2N6934
550
VCEV
Collector-Emitter
Voltage (VBE= -1.5V)
2N6935
650
V
2N6933
350
2N6934
400
VCEX
Collector-Emitter
Voltage
2N6935
450
V
2N6933
300
2N6934
350
VCEO
Collector-Emitter
Voltage
2N6935
400
V
VEBO
Emitter-Base Voltage
8
V
IC
Collector Current-Continuous
15
A
ICM
Collector Current-Peak
23
A
IB
B
Base Current-Continuous
5
A
IBM
Base Current-Peak
7
A
IE
Emitter Current-Continuous
20
A
IEM
Emitter Current-Peak
30
A
PC
Collector Power Dissipation
@ TC=25℃
175
W
TJ
Junction Temperature
150
Tstg
Storage Temperature Range
-65~150
THERMAL CHARACTERISTICS
isc Website:www.iscsemi.cn
SYMBOL
PARAMETER
MAX
UNIT
Rth j-c
Thermal Resistance, Junction to Case
0.71
℃/W


Similar Part No. - 2N6933

ManufacturerPart #DatasheetDescription
logo
Savantic, Inc.
2N6933 SAVANTIC-2N6933 Datasheet
146Kb / 3P
Silicon NPN Power Transistors
2N6933 SAVANTIC-2N6933 Datasheet
148Kb / 3P
Silicon NPN Power Transistors
logo
New Jersey Semi-Conduct...
2N6933 NJSEMI-2N6933 Datasheet
78Kb / 2P
Silicon NPN Power Transistor
More results

Similar Description - 2N6933

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
BD907 ISC-BD907 Datasheet
106Kb / 2P
isc Silicon NPN Power Transistor
BU2727AF ISC-BU2727AF Datasheet
98Kb / 2P
isc Silicon NPN Power Transistor
BU326 ISC-BU326 Datasheet
57Kb / 2P
isc Silicon NPN Power Transistor
BU326A ISC-BU326A Datasheet
129Kb / 2P
isc Silicon NPN Power Transistor
MJ413 ISC-MJ413 Datasheet
71Kb / 2P
isc Silicon NPN Power Transistor
BUX47A ISC-BUX47A Datasheet
76Kb / 2P
isc Silicon NPN Power Transistor
BUV48CFI ISC-BUV48CFI Datasheet
111Kb / 2P
isc Silicon NPN Power Transistor
BUV70 ISC-BUV70 Datasheet
102Kb / 2P
isc Silicon NPN Power Transistor
BU406 ISC-BU406 Datasheet
134Kb / 3P
isc Silicon NPN Power Transistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com