Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

NLP250 Datasheet(PDF) 1 Page - Emerson Network Power

Part # NLP250
Description  Active PFC and EN61000-3-2 compliant
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

NLP250 Datasheet(HTML) 1 Page - Emerson Network Power

  NLP250 Datasheet HTML 1Page - Emerson Network Power NLP250 Datasheet HTML 2Page - Emerson Network Power NLP250 Datasheet HTML 3Page - Emerson Network Power NLP250 Datasheet HTML 4Page - Emerson Network Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Embedded Power for
Business-Critical Continuity
NLP250 Series
Single output
Special Features
• Active PFC and
EN61000-3-2 compliant
• 250 W on main channel with
forced air
• Low profile fits 1U applications
• U-Channel for maximum
thermal performance
• Optional cover (CJ suffix)
• 5 V standby output
• 12 V fan output
• Integrated ORing diode
• Active current sharing
• Integrated control and
monitoring features
• Overcurrent, overvoltage and
overtemperature protection
• Compliance to EN55022-B
conducted noise standard
• RoHS compliant
• 2 year warranty
Total Power:
250W
Input Voltage: 85 - 264VAC
# of Outputs:
Single
Rev.09.10.07
NLP250 Series
1 of 4
Electrical Specifications
Input
Input voltage range
Universal input
85-264 Vac
Input frequency range
47-63 Hz
Input surge current
264 Vac (cold start)
40 A max.
Safety ground leakage current 264 Vac, 50 Hz
1 mA
Input current
120 Vac @ 250 W
2.78 A rms
230 Vac @ 250 W
1.36 A rms
Input fuse
UL/IEC127
T6.3 AH, 250 Vac
All specifications are typical at nominal input, full load at 25
°C unless otherwise stated
Output
Maximum power
200 LFM fored air
250 watts
250 LFM with cover
Total regulation
(line and load)
Main output
±2.0%
Auxiliary outputs
±5.0%
Turn-on delay
@ 120 Vac Input
2.0 s max.
Transient response
Main output
5.0% or 250 mV
50-100%
max. dev., 1 ms max.
step at 0.5 A/μs
recovery to 1%
Temperature coefficient
±0.02%/°C
Overvoltage protection
Main output
115%, ±5%
Short circuit protection
Cyclic operation
Continuous
Minimum output current
Singles
0 A
Auxiliary outputs
(See Note 8)
5 Vsb
5 V @ 1.0 A
12 V (fan)
12 V @ 0.3 A
RoHS
Safety
VDE0805/EN60950-1
IEC950/IEC60950-1
File No. 1040100-3336-0210
UL/cUL 60950-1
CSA-C22.2 60950-1
File No. E135734
Certificate No. 40014041
CB Ref DE1-32468


Similar Part No. - NLP250

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
NLP250 ARTESYN-NLP250 Datasheet
424Kb / 3P
250 W AC/DC Universal Input Switch Mode Power Supplies
logo
Emerson Network Power
NLP250 EMERSON-NETWORKPOWER-NLP250 Datasheet
577Kb / 4P
Single Output Medical safeties
NLP250 EMERSON-NETWORKPOWER-NLP250 Datasheet
1Mb / 4P
Active PFC and EN61000-3-2 compliant
NLP250 EMERSON-NETWORKPOWER-NLP250 Datasheet
573Kb / 4P
Active PFC and EN61000-3-2 compliant
NLP250-DC EMERSON-NETWORKPOWER-NLP250-DC Datasheet
779Kb / 4P
Single Output
More results

Similar Description - NLP250

ManufacturerPart #DatasheetDescription
logo
Emerson Network Power
NLP250MEDICAL EMERSON-NETWORKPOWER-NLP250MEDICAL Datasheet
443Kb / 4P
Active PFC and EN61000-3-2 compliant
NLP250MEDICAL EMERSON-NETWORKPOWER-NLP250MEDICAL_09 Datasheet
1Mb / 4P
Active PFC and EN61000-3-2 compliant
NLP250 EMERSON-NETWORKPOWER-NLP250_10 Datasheet
573Kb / 4P
Active PFC and EN61000-3-2 compliant
logo
Sparkle Power Inc.
FSP250-60FAG SPI-FSP250-60FAG Datasheet
38Kb / 1P
Active Power Factor Correction (PFC) meet EN61000-3-2
FSP250-60SBV SPI-FSP250-60SBV Datasheet
309Kb / 1P
Active Power Factor Correction (PFC) meet EN61000-3-2
FSP250-70PFU SPI-FSP250-70PFU Datasheet
40Kb / 1P
Active Power Factor Correction (PFC) meet EN61000-3-2
FSP300-60UAP SPI-FSP300-60UAP Datasheet
98Kb / 1P
Active Power Factor Correction (PFC) meet EN61000-3-2
FSP400-60WAP SPI-FSP400-60WAP Datasheet
95Kb / 1P
Active Power Factor Correction (PFC) meet EN61000-3-2
logo
SynQor Worldwide Headqu...
AQ1100IUXX SYNQOR-AQ1100IUXX Datasheet
2Mb / 8P
Active PFC; EN61000-3-2 compliant
logo
Artesyn Technologies
LPS100-M ARTESYN-LPS100-M Datasheet
678Kb / 3P
EN61000-3-2 compliant
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com