Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

NLP250 Datasheet(PDF) 4 Page - Emerson Network Power

Part # NLP250
Description  Active PFC and EN61000-3-2 compliant
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

NLP250 Datasheet(HTML) 4 Page - Emerson Network Power

  NLP250 Datasheet HTML 1Page - Emerson Network Power NLP250 Datasheet HTML 2Page - Emerson Network Power NLP250 Datasheet HTML 3Page - Emerson Network Power NLP250 Datasheet HTML 4Page - Emerson Network Power  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Embedded Power for
Business-Critical Continuity
Rev.09.10.07
NLP250 Series
4 of 4
Emerson Network Power and the Emerson
Network Power logo are trademarks and
service marks of Emerson Electric Co.
©2007 Emerson Electric Co.
Emerson Network Power.
The global leader in enabling
business-critical continuity.
EmersonNetworkPower. com
AC Power
Connectivity
DC Power
Embedded Power
Inbound Power
Integrated Cabinet Solutions
Outside Plant
Precision Cooling
Site Monitoring and Services
Americas
5810 Van Allen Way
Carlsbad, CA 92008
USA
Telephone: +1 760 930 4600
Facsimile: +1 760 930 0698
Europe (UK)
Waterfront Business Park
Merry Hill, Dudley
West Midlands, DY5 1LX
United Kingdom
Telephone: +44 (0) 1384 842 211
Facsimile: +44 (0) 1384 843 355
Asia (HK)
16th - 17th Floors, Lu Plaza
2 Wing Yip Street, Kwun Tong
Kowloon, Hong Kong
Telephone: +852 2176 3333
Facsimile: +852 2176 3888
For global contact, visit:
www.powerconversion.com
technicalsupport@powerconversion.com
While every precaution has been taken to ensure
accuracy and completeness in this literature, Emerson
Network Power assumes no responsibility, and disclaims
all liability for damages resulting from use of this
information or for any errors or omissions.
J4 PIN CONNECTIONS
Pin 1
+S
+Vo Remote Sense
Pin 2
-S
-Vo Remote Sense
Pin 3
LS
Load Share Signal
Pin 4
PS OFF
Remote ON/OFF signal NO
Pin 5
PS ON
Remote ON/OFF signal NC
Pin 6
SGND
Signal Common
Pin 7
PW OK
Power Good
Pin 8
5 Vsb
Stand-by Voltage
Pin 9
DC OK
DC Power Good Signal
J1 PIN CONNECTIONS
Pin 1
Ground/Earth
Pin 2
Live
Pin 3
Neutral
J2 PIN CONNECTIONS
Pin 1
+12 V
Fan Voltage
Pin 2
SGND
Return
J3 PIN CONNECTIONS
Pin 1
Vo
+Main Output
Pin 2
Vo
+Main Output
Pin 3
RTN
Main Return
Pin 4
RTN
Main Return
Connector and Mating Connector Types
Connector
Type
Mating Connector Type
J1
Molex 09-65-2058 (5273
series)void pins 2 and 4 or
equivalent
Molex 09-52-4054 (5239 series) or equivalent with
Molex 08-52-0072 (2478 series) or equivalent crimp
terminals
J2
Molex 22-23-2021 (6373
series) or equivalent
Molex 22-01-3027 (2695 series) or equivalent with
Molex 08-50-01113 (2759 series) or equivalent crimp
terminals
J3
Molex terminal block
387007504 or
equivalent
Terminal block contains #6-32 screw with clamp
washer suitable for wire size 12-22 awg (0.5-2.5 mm2).
Max Torque tp 1.36 Nm (12 in.lb)
J4
Molex 22-23-2091 (6373
series) or equivalent
Molex 22-01-3097 (2695 series) or equivalent with
Molex 08-50-0113 (2759 series) or equivalent crimp
terminals
DERATING CURVE Output Power (Watts)
0 C
10 C
20 C
30 C
40 C
50 C
60 C
70 C
0 W
175 W
250 W
200 LFM (1.0 m/s)
FORCED AIR COOLING
NATURAL FREE AIR
CONVECTION COOLING
87 W
125 W
75 W
24/48 V Free Air
12 V Free Air
All Models
Forced Air
DERATING CURVE Output Power (Watts)
WITH COVER
0 C
10 C
20 C
30 C
40 C
50 C
60 C
70 C
0 W
175 W
250 W
250 LFM (1.25 m/s)
FORCED AIR COOLING
NATURAL FREE AIR
CONVECTION COOLING
125 W
75 W
12 V Free Air
24/48 V Free Air
All Models
Forced Air
Figure 1: Derating Curve
Output Power (Watts)
Figure 1b: Derating Curve With Cover
Output Power (Watts)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com