Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

LTC1852 Datasheet(PDF) 3 Page - Linear Technology

Part # LTC1852
Description  8-Channel, 10-Bit/12-Bit, 400ksps, Low Power, Sampling ADCs
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1852 Datasheet(HTML) 3 Page - Linear Technology

  LTC1852 Datasheet HTML 1Page - Linear Technology LTC1852 Datasheet HTML 2Page - Linear Technology LTC1852 Datasheet HTML 3Page - Linear Technology LTC1852 Datasheet HTML 4Page - Linear Technology LTC1852 Datasheet HTML 5Page - Linear Technology LTC1852 Datasheet HTML 6Page - Linear Technology LTC1852 Datasheet HTML 7Page - Linear Technology LTC1852 Datasheet HTML 8Page - Linear Technology LTC1852 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
LTC1852/LTC1853
3
18523fa
CONVERTER CHARACTERISTICS The l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VDD = 2.7V to 5.5V, REFCOMP < VDD (Notes 5,6)
PARAMETER
CONDITIONS
MIN
LTC1852
TYP
MAX
MIN
LTC1853
TYP
MAX
UNITS
Resolution (No Missing Codes)
l
10
12
Bits
Integral Linearity Error
(Note 7)
l
±0.25
±1
±0.35
±1
LSB
Differential Linearity Error
l
±0.25
±1
±0.25
±1
LSB
Offset Error (Bipolar and Unipolar)
Gain = 1 (PGA = 1)
Gain = 2 (PGA = 0)
(Note 8)
REFCOMP ≥ 2V
l
l
±0.5
±1
±2
±4
±1
±2
±6
±12
LSB
LSB
Offset Error Match (Bipolar and Unipolar)
±0.5
±1
LSB
Unipolar Gain Error
Gain = 1 (PGA = 1)
Gain = 2 (PGA = 0)
With External 4.096V Reference
Applied to REFCOMP (Note 12)
VDD = 4.75V to 5.25V, fS ≤ 400kHz
±2
±4
±4
±8
LSB
LSB
Unipolar Gain Error Match
±0.5
±1
LSB
Bipolar Gain Error
Gain = 1 (PGA = 1)
Gain = 2 (PGA = 0)
With External 4.096V Reference
Applied to REFCOMP (Note 12)
VDD = 4.75V to 5.25V, fS ≤ 400kHz
±2
±4
±4
±8
LSB
LSB
Bipolar Gain Error Match
±0.5
±1
LSB
Unipolar Gain Error
Gain = 1 (PGA = 1)
Gain = 2 (PGA = 0)
With External 2.5V Reference
Applied to REFCOMP
VDD = 2.7V to 5.5V, fS ≤ 250kHz
l
l
±1
±2
±3
±6
±1.5
±3
±8
±16
LSB
LSB
Bipolar Gain Error
Gain = 1 (PGA = 1)
Gain = 2 (PGA = 0)
With External 2.5V Reference
Applied to REFCOMP
VDD = 2.7V to 5.5V, fS ≤ 250kHz
l
l
±1
±2
±3
±6
±1.5
±3
±8
±16
LSB
LSB
Full-Scale Error Temperature Coefficient
15
15
ppm/°C
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VIN
Analog Input Range (Note 9)
Unipolar, Gain = 1 (PGA = 1)
Unipolar, Gain = 2 (PGA = 0)
Bipolar, Gain = 1 (PGA = 1)
Bipolar, Gain = 2 (PGA = 0)
2.7V ≤ VDD ≤ 5.5V, REFCOMP ≤ VDD
0 – REFCOMP
0 – REFCOMP/2
± REFCOMP/2
±REFCOMP/4
V
V
V
V
IIN
Analog Input Leakage Current
l
±1
μA
CIN
Analog Input Capacitance
Between Conversions (Gain = 1)
Between Conversions (Gain = 2)
During Conversions
15
25
5
pF
pF
pF
tACQ
Sample-and-Hold Acquisition Time
50
150
ns
tS(MUX)
Multiplexer Settling Time (Includes tACQ)
50
150
ns
tAP
Sample-and-Hold Aperture Delay Time
VDD = 5V
– 0.5
ns
tjitter
Sample-and-Hold Aperture Delay Time Jitter
VDD = 5V
2
psRMS
CMRR
Analog Input Common Mode Rejection Ratio
60
dB
ANALOG INPUT The l denotes the specifications which apply over the full operating temperature range, otherwise
specifications are at TA = 25°C. (Notes 5)
DYNAMIC ACCURACY T
A = 25°C. (Notes 5)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
S/(N + D)
Signal-to-Noise Plus Distortion Ratio
40kHz Input Signal
72.5
dB
THD
Total Harmonic Distortion
40kHz Input Signal, First 5 Harmonics
–80
dB
SFDR
Spurious Free Dynamic Range
40kHz Input Signal
–85
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com