Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

LTC1852 Datasheet(PDF) 4 Page - Linear Technology

Part # LTC1852
Description  8-Channel, 10-Bit/12-Bit, 400ksps, Low Power, Sampling ADCs
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1852 Datasheet(HTML) 4 Page - Linear Technology

  LTC1852 Datasheet HTML 1Page - Linear Technology LTC1852 Datasheet HTML 2Page - Linear Technology LTC1852 Datasheet HTML 3Page - Linear Technology LTC1852 Datasheet HTML 4Page - Linear Technology LTC1852 Datasheet HTML 5Page - Linear Technology LTC1852 Datasheet HTML 6Page - Linear Technology LTC1852 Datasheet HTML 7Page - Linear Technology LTC1852 Datasheet HTML 8Page - Linear Technology LTC1852 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
LTC1852/LTC1853
4
18523fa
INTERNAL REFERENCE T
A = 25°C. (Notes 5, 6)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
REFOUT Output Voltage
IOUT = 0
2.48
2.50
2.52
V
REFOUT Output Temperature Coefficient
IOUT = 0
±15
ppm/°C
REFOUT Line Regulation
2.7 ≤ VDD ≤ 5.5, IOUT = 0
0.01
LSB/V
Reference Buffer Gain
1.6368
1.6384
1.6400
V/V
REFCOMP Output Voltage
External 2.5V Reference (VDD = 5V)
Internal 2.5V Reference (VDD = 5V)
4.092
4.060
4.096
4.096
4.100
4.132
V
V
REFCOMP Impedance
Impedance to GND, REFIN = VDD
19.2
kΩ
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VIH
High Level Input Voltage
VDD = 5.25V
● 2.4
V
VIL
Low Level Input Voltage
VDD = 4.75V
●
0.8
V
IIN
Digital Input Current
VIN = 0V to VDD
●
±5
μA
CIN
Digital Input Capacitance
1.5
pF
VOH
High Level Output Voltage
VDD = 4.75V, IO = –10μA
VDD = 4.75V, IO = – 200μA
●
4
4.5
V
V
VOL
Low Level Output Voltage
VDD = 4.75V, IO = 160μA
VDD = 4.75V, IO = 1.6mA
●
0.5
0.10
0.4
V
V
IOZ
Hi-Z Output Leakage D11 to D0, A0, A1, A2OUT, DIFFOUT VOUT = 0V to VDD, CS High
●
±10
μA
COZ
Hi-Z Capacitance D11 to D0
CS High (Note 9)
●
15
pF
ISOURCE
Output Source Current
VOUT = 0V
–20
mA
ISINK
Output Sink Current
VOUT = VDD
30
mA
DIGITAL INPUTS AND DIGITAL OUTPUTS The ● denotes the specifications which apply over the full
operating temperature range, otherwise specifications are at TA = 25°C. VDD = 5V (Note 5)
DIGITAL INPUTS AND DIGITAL OUTPUTS The ● denotes the specifications which apply over the full
operating temperature range, otherwise specifications are at TA = 25°C. VDD = 5V (Note 5)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VIH
High Level Input Voltage
VDD = 3.3V
●
1.9
V
VIL
Low Level Input Voltage
VDD = 2.7V
●
0.45
V
IIN
Digital Input Current
VIN = 0V to VDD
●
±5
μA
CIN
Digital Input Capacitance
1.5
pF
VOH
High Level Output Voltage
VDD = 2.7V, IO = –10μA
VDD = 2.7V, IO = – 200μA
●
2
2.5
V
V
VOL
Low Level Output Voltage
VDD = 2.7V, IO = 160μA
VDD = 2.7V, IO = 1.6mA
●
0.05
0.10
0.4
V
V
IOZ
Hi-Z Output Leakage D11 to D0, A0, A1, A2OUT, DIFFOUT VOUT = 0V to VDD, CS High
●
±10
μA
COZ
Hi-Z Capacitance D11 to D0
CS High (Note 9)
●
15
pF
ISOURCE
Output Source Current
VOUT = 0V
–10
mA
ISINK
Output Sink Current
VOUT = VDD
15
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com