Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

LTM4601 Datasheet(PDF) 7 Page - Linear Technology

Part # LTM4601
Description  12A DC/DC 關Modules with PLL, Output Tracking and Margining
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4601 Datasheet(HTML) 7 Page - Linear Technology

Back Button LTM4601 Datasheet HTML 3Page - Linear Technology LTM4601 Datasheet HTML 4Page - Linear Technology LTM4601 Datasheet HTML 5Page - Linear Technology LTM4601 Datasheet HTML 6Page - Linear Technology LTM4601 Datasheet HTML 7Page - Linear Technology LTM4601 Datasheet HTML 8Page - Linear Technology LTM4601 Datasheet HTML 9Page - Linear Technology LTM4601 Datasheet HTML 10Page - Linear Technology LTM4601 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
LTM4601/LTM4601-1
7
4601f
PI FU CTIO S (See Package Description for Pin Assignment)
VIN (Bank 1): Power Input Pins. Apply input voltage be-
tween these pins and PGND pins. Recommend placing
input decoupling capacitance directly between VIN pins
and PGND pins.
VOUT (Bank 3): Power Output Pins. Apply output load
between these pins and PGND pins. Recommend placing
output decoupling capacitance directly between these pins
and PGND pins. Review the figure below.
PGND (Bank 2): Power ground pins for both input and
output returns.
VOSNS
– (PinM12):(–)InputtotheRemoteSenseAmplifier.
This pin connects to the ground remote sense point. The
remote sense amplifier is used for VOUT ≤3.3V.
NC1 (Pin M12): No Connect On the LTM4601-1.
VOSNS
+ (Pin J12): (+) Input to the Remote Sense Amplifier.
This pin connects to the output remote sense point. The
remote sense amplifier is used for VOUT ≤3.3V.
NC2 (Pin J12): No Connect On the LTM4601-1.
DIFFVOUT (Pin K12): Output of the Remote Sense Ampli-
fier. This pin connects to the VOUT_LCL pin.
NC3 (Pin K12): No Connect On the LTM4601-1.
DRVCC (Pin E12): This pin normally connects to INTVCC
for powering the internal MOSFET drivers. This pin can
be biased up to 6V from an external supply with about
50mA capability, or an external circuit shown in Figure 16.
This improves efficiency at the higher input voltages by
reducing power dissipation in the module.
INTVCC (Pin A7): This pin is for additional decoupling of
the 5V internal regulator.
PLLIN (Pin A8): External Clock Synchronization Input to
the Phase Detector. This pin is internally terminated to
SGND with a 50k resistor. Apply a clock above 2V and
below INTVCC. See Applications Information.
TRACK/SS (Pin A9): Output Voltage Tracking and Soft-
Start Pin. When the module is configured as a master
output, then a soft-start capacitor is placed on this pin
to ground to control the master ramp rate. A soft-start
capacitor can be used for soft-start turn on as a stand
alone regulator. Slave operation is performed by putting
a resistor divider from the master output to the ground,
and connecting the center point of the divider to this pin.
See Applications Information.
MPGM (Pin A12): Programmable Margining Input. A re-
sistor from this pin to ground sets a current that is equal
to 1.18V/R. This current multiplied by 10k
Ω will equal a
value in millivolts that is a percentage of the 0.6V refer-
ence voltage. See Applications Information. To parallel
LTM4601s, each requires an individual MPGM resistor.
Do not tie MPGM pins together.
fSET (Pin B12): Frequency Set Internally to 850kHz. An
external resistor can be placed from this pin to ground
to increase frequency. This pin can be decoupled with a
1000pF capacitor. See Applications Information for fre-
quency adjustment.
VFB (Pin F12): The Negative Input of the Error Amplifier.
Internally, this pin is connected to VOUT_LCL pin with a
60.4k precision resistor. Different output voltages can be
programmed with an additional resistor between VFB and
SGND pins. See Applications Information.
MARG1
DRVCC
VFB
PGOOD
SGND
VOSNS
+/NC2*
DIFFVOUT/NC3*
VOUT_LCL
VOSNS
–/NC1*
VIN
BANK 1
PGND
BANK 2
A
B
C
D
E
F
G
H
J
K
L
M
VOUT
BANK 3
fSET
MARG0
1234567
*LTM4601-1 ONLY
TOP VIEW
8
9 10 11 12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com