Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

LTM4601 Datasheet(PDF) 1 Page - Linear Technology

Part # LTM4601
Description  12A DC/DC 關Modules with PLL, Output Tracking and Margining
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4601 Datasheet(HTML) 1 Page - Linear Technology

  LTM4601 Datasheet HTML 1Page - Linear Technology LTM4601 Datasheet HTML 2Page - Linear Technology LTM4601 Datasheet HTML 3Page - Linear Technology LTM4601 Datasheet HTML 4Page - Linear Technology LTM4601 Datasheet HTML 5Page - Linear Technology LTM4601 Datasheet HTML 6Page - Linear Technology LTM4601 Datasheet HTML 7Page - Linear Technology LTM4601 Datasheet HTML 8Page - Linear Technology LTM4601 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
LTM4601/LTM4601-1
1
4601f
12A DC/DC µModules
with PLL, Output Tracking
and Margining
Telecom and Networking Equipment
Servers
Industrial Equipment
Point of Load Regulation
Complete Switch Mode Power Supply
Wide Input Voltage Range: 4.5V to 20V
12A DC Typical, 14A Peak Output Current
0.6V to 5V Output Voltage
Output Voltage Tracking and Margining
Parallel Multiple µModules for Current Sharing
Differential Remote Sensing for Precision
Regulation (LTM4601 Only)
PLL Frequency Synchronization
±1.5% Regulation
Current Foldback Protection (Disabled at Start-Up)
Pb-Free (e4) RoHS Compliant Package with Gold
Finish Pads
Ultrafast Transient Response
Current Mode Control
Up to 95% Efficiency at 5VIN, 3.3VOUT
Programmable Soft-Start
Output Overvoltage Protection
Small Footprint, Low Profile (15mm × 15mm ×
2.8mm) Surface Mount LGA Package
1.5V/12A Power Supply with 4.5V to 20V Input
APPLICATIO S
FEATURES
DESCRIPTIO
TYPICAL APPLICATIO
Efficiency and Power Loss
vs Load Current
The LTM
®4601 is a complete 12A step-down switch mode
DC/DC power supply with onboard switching controller,
MOSFETs, inductor and all support components. The
µModuleTM is housed in a small surface mount 15mm
×15mm × 2.8mm LGA package. Operating over an input
voltage range of 4.5 to 20V, the LTM4601 supports an
output voltage range of 0.6V to 5V as well as output voltage
tracking and margining. The high efficiency design delivers
12A continuous current (14A peak). Only bulk input and
output capacitors are needed to complete the design.
The low profile (2.8mm) and light weight (1.7g) pack-
age easily mounts in unused space on the back side of
PC boards for high density point of load regulation. The
µModule can be synchronized with an external clock for
reducing undesirable frequency harmonics and allows
PolyPhase
® operation for high load currents.
A high switching frequency and adaptive on-time current
mode architecture deliver a very fast transient response
to line and load changes without sacrificing stability. An
onboard differential remote sense amplifier can be used
to accurately regulate an output voltage independent of
load current. The onboard remote sense amplifier is not
available in the LTM4601-1.
, LTC, LT and PolyPhase are registered trademarks of Linear Technology Corporation.
µModule is a trademark of Linear Technology Corporation.
All other trademarks are the property of their respective owners.
Protected by U.S. Patents, including 5481178, 5847554, 6580258, 6304066, 6476589,
6774611, 6677210
VOUT
VFB
MARG0
MARG1
VOUT_LCL
DIFFVOUT
VOSNS
+
VOSNS
PGOOD
RUN
COMP
INTVCC
DRVCC
MPGM
TRACK/SS
PLLIN
LTM4601
ON/OFF
R1
392k
RSET
40.2k
MARGIN
CONTROL
COUT
4601 TA01a
VOUT
1.5V
12A
CLOCK SYNC
TRACK/SS CONTROL
100pF
CIN
VIN
fSET
PGND
SGND
5% MARGIN
VIN
4.5V TO 20V
OUTPUT CURRENT (A)
0
50
55
65
70
75
95
4601 TA01b
60
24
6
8
10
12
14
80
85
90
0.5
1.0
2.0
4.0
1.5
2.5
3.0
3.5
12VIN
12VIN
5VIN
5VIN
EFFICIENCY
POWER LOSS


Similar Part No. - LTM4601

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTM4601 LINER-LTM4601 Datasheet
343Kb / 24P
10A High Effi ciency DC/DC 關Module
LTM4601 LINER-LTM4601 Datasheet
371Kb / 28P
Ultralow EMI 28VIN, 6A DC/DC 關Module Regulator
LTM4601 LINER-LTM4601 Datasheet
574Kb / 26P
Low VIN, 8A DC/DC Module Regulator with Tracking, Margining, and Frequency Synchronization
LTM4601 LINER-LTM4601 Datasheet
738Kb / 26P
Low VIN, 8A DC/DC Module Regulator with Tracking, Margining, and Frequency Synchronization
LTM4601 LINER-LTM4601 Datasheet
525Kb / 28P
EN55022B Compliant 36VIN, 15VOUT, 5A, DC/DC Module Regulator
More results

Similar Description - LTM4601

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTM4601A LINER-LTM4601A Datasheet
365Kb / 28P
12A DC/DC 關Modules with PLL, Output Tracking and Margining
LTM4601AHV LINER-LTM4601AHV Datasheet
356Kb / 28P
12A, 28VIN DC/DC 關Module with PLL, Output Tracking and Margining
LTM4601HV LINER-LTM4601HV Datasheet
383Kb / 28P
12A 28VIN DC/DC 關Module with PLL, Output Tracking and Margining
LTM4603 LINER-LTM4603 Datasheet
340Kb / 24P
6A DC/DC 關Module with PLL, Output Tracking and Margining
LTM4603HV LINER-LTM4603HV Datasheet
338Kb / 24P
6A, 28VIN DC/DC 關Module with PLL, Output Tracking and Margining
logo
Linear Dimensions Semic...
LTM4601HVIVPBF LINEAR_DIMENSIONS-LTM4601HVIVPBF Datasheet
520Kb / 30P
12A 28VIN DC/DC 關Module Regulator with PLL, Output Tracking and Margining
logo
Linear Technology
LTM4601-1 LINER-LTM4601-1_15 Datasheet
946Kb / 30P
12A Module Regulators with PLL, Output Tracking and Margining
LTM4601AHV LINER-LTM4601AHV_15 Datasheet
1,006Kb / 30P
12A, 28VIN DC/DC Module Regulator with PLL, Output Tracking and Margining
LTM4601HV LINER-LTM4601HV_15 Datasheet
520Kb / 30P
12A 28VIN DC/DC Module Regulator with PLL, Output Tracking and Margining
LTM4601A-1 LINER-LTM4601A-1_15 Datasheet
524Kb / 30P
12A Module Regulators with PLL, Output Tracking and Margining
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com