Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

LTM4604 Datasheet(PDF) 1 Page - Linear Technology

Part # LTM4604
Description  Low Voltage, 4A DC/DC 關ModuleTM with Tracking
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4604 Datasheet(HTML) 1 Page - Linear Technology

  LTM4604 Datasheet HTML 1Page - Linear Technology LTM4604 Datasheet HTML 2Page - Linear Technology LTM4604 Datasheet HTML 3Page - Linear Technology LTM4604 Datasheet HTML 4Page - Linear Technology LTM4604 Datasheet HTML 5Page - Linear Technology LTM4604 Datasheet HTML 6Page - Linear Technology LTM4604 Datasheet HTML 7Page - Linear Technology LTM4604 Datasheet HTML 8Page - Linear Technology LTM4604 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
LTM4604
1
4604f
TYPICAL APPLICATION
FEATURES
APPLICATIONS
DESCRIPTION
Low Voltage, 4A DC/DC
µModuleTM with Tracking
The LTM
®4604 is a complete 4A switch mode DC/DC power
supply. Included in the package are the switching control-
ler, power FETs, inductor and all support components.
Operating over an input voltage range of 2.375V to 5.5V,
the LTM4604 supports an output voltage range of 0.8V
to 5V, set by a single resistor. This high efficiency design
delivers up to 4A continuous current (5A peak). Only bulk
output capacitors are needed to complete the design.
The low profile package (2.3mm) enables utilization of
unused space on the bottom of PC boards for high density
point of load regulation. High switching frequency and
a current mode architecture enable a very fast transient
response to line and load changes without sacrificing
stability. The device supports output voltage tracking for
supply rail sequencing.
Fault protection features include foldback current protec-
tion, thermal shutdown and a programmable soft-start
function. The LTM4604 is offered in a space saving and
thermally enhanced 15mm
× 9mm × 2.3mm LGA package
and is Pb free and RoHS compliant.
3.3V to 2.5V/4A μModule Regulator
■ Complete Standalone Power Supply
■ Wide Input Voltage Range: 2.375V to 5.5V
■ 4A DC, 5A Peak Output Current
■ 0.8V to 5V Output
■ Output Voltage Tracking
■ ±2% Total DC Error
■ UltraFastTM Transient Response
■ Power Good Indicator
■ Current Mode Control
■ Current Foldback Protection, Parallel/Current Sharing
■ Up to 95% Efficiency
■ Programmable Soft-Start
■ Micropower Shutdown: IQ ≤ 7μA
■ Overtemperature Protection
■ Small and Very Low Profile Package:
15mm × 9mm × 2.3mm LGA
■ Telecom and Networking Equipment
■ Servers
■ Storage Cards
■ ATCA Cards
■ Industrial Equipment
, LT, LTC and LTM are registered trademarks of Linear Technology Corporation.
μModule and UltraFast are trademarks of Linear Technology Corporation.
All other trademarks are the property of their respective owners.
VIN
VIN
VIN
3.3V
PGOOD
COMP
LTM4604
RUN/SS
2.37k
4604 TA01a
22
μF
6.3V
×2
VOUT
2.5V
4A
10
μF
6.3V
VOUT
FB
TRACK
GND
OUTPUT CURRENT (A)
0
85
90
100
3
"$" /
80
75
12
4
70
65
95
VIN = 3.3V
VOUT = 2.5V
Efficiency vs Output Current


Similar Part No. - LTM4604

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTM4604A LINER-LTM4604A Datasheet
364Kb / 20P
Low Voltage, 4A DC/DC 關Module with Tracking
LTM4604A LINER-LTM4604A Datasheet
371Kb / 28P
Ultralow EMI 28VIN, 6A DC/DC 關Module Regulator
LTM4604A LINER-LTM4604A Datasheet
574Kb / 26P
Low VIN, 8A DC/DC Module Regulator with Tracking, Margining, and Frequency Synchronization
LTM4604A LINER-LTM4604A Datasheet
738Kb / 26P
Low VIN, 8A DC/DC Module Regulator with Tracking, Margining, and Frequency Synchronization
LTM4604A LINER-LTM4604A Datasheet
525Kb / 28P
EN55022B Compliant 36VIN, 15VOUT, 5A, DC/DC Module Regulator
More results

Similar Description - LTM4604

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTM4603 LINER-LTM4603 Datasheet
340Kb / 24P
6A DC/DC 關Module with PLL, Output Tracking and Margining
LTM4604A LINER-LTM4604A Datasheet
364Kb / 20P
Low Voltage, 4A DC/DC 關Module with Tracking
LTM4608 LINER-LTM4608 Datasheet
306Kb / 24P
Low VIN, 8A DC/DC 關ModuleTM with Tracking, Margining, and Frequency Synchronization
LTM4608A LINER-LTM4608A Datasheet
348Kb / 24P
Low VIN, 8A DC/DC 關Module with Tracking, Margining, and Frequency Synchronization
LTC3809-1 LINER-LTC3809-1 Datasheet
260Kb / 24P
No RSENSETM, Low Input Voltage, Synchronous DC/DC Controller with Output Tracking
LTM4618 LINER-LTM4618 Datasheet
344Kb / 24P
6A DC/DC 關Module Regulator with Tracking and Frequency Synchronization
logo
Maxim Integrated Produc...
MAX15021 MAXIM-MAX15021 Datasheet
338Kb / 24P
Dual, 4A/2A, 4MHz, Step-Down DC-DC Regulator with Tracking/Sequencing Capability
Rev 1; 8/12
logo
Linear Technology
LTM4604 LINER-LTM4604_15 Datasheet
613Kb / 20P
Low Voltage, 4A DC/DC Module Regulator with Tracking
LTC3809-1 LINER-LTC3809-1_15 Datasheet
266Kb / 24P
No RSENSE, Low Input Voltage, Synchronous DC/DC Controller with Output Tracking
LTM4604A LINER-LTM4604A_15 Datasheet
825Kb / 22P
Low Voltage, 4A DC/DC Module Regulator with Tracking
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com