Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

LTM4604 Datasheet(PDF) 6 Page - Linear Technology

Part # LTM4604
Description  Low Voltage, 4A DC/DC 關ModuleTM with Tracking
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4604 Datasheet(HTML) 6 Page - Linear Technology

Back Button LTM4604 Datasheet HTML 2Page - Linear Technology LTM4604 Datasheet HTML 3Page - Linear Technology LTM4604 Datasheet HTML 4Page - Linear Technology LTM4604 Datasheet HTML 5Page - Linear Technology LTM4604 Datasheet HTML 6Page - Linear Technology LTM4604 Datasheet HTML 7Page - Linear Technology LTM4604 Datasheet HTML 8Page - Linear Technology LTM4604 Datasheet HTML 9Page - Linear Technology LTM4604 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
LTM4604
6
4604f
PIN FUNCTIONS
VIN (B1, C1, C3-C7, D7, E6 and E7): Power Input Pins.
Apply input voltage between these pins and GND pins.
Recommend placing input decoupling capacitance directly
between VIN pins and GND pins.
VOUT (D8-D11, E8-E11, F6-F11, G6-G11): Power Output
Pins. Apply output load between these pins and GND pins.
Recommendplacingoutputdecouplingcapacitancedirectly
between these pins and GND pins. Review Table 4.
GND (G3-G5, F3-F5, E4-E5, A1-A11, B6-B11, C8-C11):
Power Ground Pins for Both Input and Output Returns.
TRACK (E1): Output Voltage Tracking Pin. When the module
is configured as a master output, then a soft-start capaci-
tor is placed on the RUN/SS pin to ground to control the
master ramp rate. Slave operation is performed by putting
a resistor divider from the master output to ground, and
connecting the center point of the divider to this pin on
the slave regulator. If tracking is not desired, then connect
the TRACK pin to VIN. Load current must be present for
tracking. See Applications Information section.
FB (G2): The Negative Input of the Error Amplifier. Inter-
nally, this pin is connected to VOUT with a 4.99k precision
resistor. Different output voltages can be programmed
with an additional resistor between FB and GND pins.
Two power modules can current share when this pin is
connected in parallel with the adjacent module’s FB pin.
See Applications Information section.
COMP (G1): Current Control Threshold and Error Amplifier
Compensation Point. The current comparator threshold
increases with this control voltage. Two power modules
can current share when this pin is connected in parallel
with the adjacent module’s COMP pin.
PGOOD (F1): Output Voltage Power Good Indicator. Open-
drain logic output that is pulled to ground when the output
voltage is not within ±7.5% of the regulation point.
RUN/SS (D1): Run Control and Soft-Start Pin. A voltage
above 0.8V will turn on the module, and below 0.5V will
turn off the module. This pin has a 1M resistor to VIN and
a 1000pF capacitor to GND. See Application Infomation
section for soft-start information.
SW (B3 and B4): Switching Node of the circuit is used for
testing purposes. This can be connected to copper on the
board to improve thermal performance. Make sure not to
connect it to other output pins.
GND
GND
RUN/
SS
SW
A
1
2
3
4
5
6
7
8
9
10
11
BC
DE
F
G
TRACK
TOP VIEW
PGOOD
COMP
VOUT
VIN
FB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com