Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

LV7X45DEW Datasheet(PDF) 5 Page - Pletronics, Inc.

Part # LV7X45DEW
Description  LVDS Clock Oscillators
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PLETRONICS [Pletronics, Inc.]
Direct Link  http://www.pletronics.com
Logo PLETRONICS - Pletronics, Inc.

LV7X45DEW Datasheet(HTML) 5 Page - Pletronics, Inc.

  LV7X45DEW Datasheet HTML 1Page - Pletronics, Inc. LV7X45DEW Datasheet HTML 2Page - Pletronics, Inc. LV7X45DEW Datasheet HTML 3Page - Pletronics, Inc. LV7X45DEW Datasheet HTML 4Page - Pletronics, Inc. LV7X45DEW Datasheet HTML 5Page - Pletronics, Inc. LV7X45DEW Datasheet HTML 6Page - Pletronics, Inc. LV7X45DEW Datasheet HTML 7Page - Pletronics, Inc. LV7X45DEW Datasheet HTML 8Page - Pletronics, Inc. LV7X45DEW Datasheet HTML 9Page - Pletronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
LV76D / LV78D Series 2.5 V
LVDS Clock Oscillators
January 2008
www.pletronics.com
425-776-1880
5
Reliability: Environmental Compliance
Parameter
Condition
Mechanical Shock
MIL-STD-883 Method 2002, Condition B
Vibration
MIL-STD-883 Method 2007, Condition A
Solderability
MIL-STD-883 Method 2003
Thermal Shock
MIL-STD-883 Method 1011, Condition A
ESD Rating
Model
Minimum Voltage
Conditions
Human Body Model
1500
MIL-STD-883 Method 3115
Charged Device Model
1000
JESD 22-C101
Package Labeling
Label is 1" x 2.6" (25.4mm x 66.7mm)
Label is 1" x 2.6" (25.4mm x 66.7mm)
Font is Courier New
Font is Arial
Bar code is 39-Full ASCII
(the label will show LV76 or LV78)



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com