Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

LV7X45DEW Datasheet(PDF) 7 Page - Pletronics, Inc.

Part # LV7X45DEW
Description  LVDS Clock Oscillators
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PLETRONICS [Pletronics, Inc.]
Direct Link  http://www.pletronics.com
Logo PLETRONICS - Pletronics, Inc.

LV7X45DEW Datasheet(HTML) 7 Page - Pletronics, Inc.

  LV7X45DEW Datasheet HTML 1Page - Pletronics, Inc. LV7X45DEW Datasheet HTML 2Page - Pletronics, Inc. LV7X45DEW Datasheet HTML 3Page - Pletronics, Inc. LV7X45DEW Datasheet HTML 4Page - Pletronics, Inc. LV7X45DEW Datasheet HTML 5Page - Pletronics, Inc. LV7X45DEW Datasheet HTML 6Page - Pletronics, Inc. LV7X45DEW Datasheet HTML 7Page - Pletronics, Inc. LV7X45DEW Datasheet HTML 8Page - Pletronics, Inc. LV7X45DEW Datasheet HTML 9Page - Pletronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
LV76D / LV78D Series 2.5 V
LVDS Clock Oscillators
January 2008
www.pletronics.com
425-776-1880
7
Mechanical (obsolete version):
The cover is no longer being supplied over this part. This part is made with a hermetically sealed
LV77xxDW series oscillator. This part is now exposed.
The cover has been deleted, the cover was causing problems with the newer high temperature RoHS lead
free processes. The cover purpose was only cosmetic.
All parts with 2008 date codes will be made in the new fashion.
There is no change in electrical properties.
Pletronics does recommend that all designs should transition to the LV77xxDW ceramic part.
Inches
mm
A
0.351 +
_0.003
8.91 +
_0.07
B
0.356 +
_0.005
9.04 +
_0.13
C
0.103 +
_0.005
2.62 +
_0.13
D
1
0.324
8.23
E
1
0.316
8.03
F
1
0.050
1.27
Cover:
Centered on the base
304 Stainless Steel
0.010 inch (0.25mm)
Electroless Nickel Plated
1 µinch (25 µm) typical
Label:
White Kapton with Black Letters
–or--
Blue Epoxy heat cure ink covering
top with laser marked lettering
FR4 PCB Base:
Solder masked
Solder masked
All via holes tented on bottom
Copper Clad 670 µinch (17 µm)
Nickel plated 118 µinch (3 µm)
Gold plated 0.8 µinch (0.02 µm)
Typical thicknesses
Pin 3 Ground plane is typical
Not to scale
G
1
0.040
1.02
H
1
0.059
1.50
I
1
0.020
0.51
J
1
0.040
1.02
K
1
0.100
2.54
L
1
0.026 typical
0.66
The package is not hermetically sealed.
The sides are intentionally left open to permit cleaning material to freely flow in the package, thus
minimizing the accumulation of contaminants during cleaning processes.
The internal part of the package must be thoroughly dry before operating.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com