Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ST2SC3731 Datasheet(PDF) 2 Page - SEMTECH ELECTRONICS LTD.

Part # ST2SC3731
Description  NPN Silicon Epitaxial Planar Transistor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH_ELEC [SEMTECH ELECTRONICS LTD.]
Direct Link  http://www.semtech.net.cn
Logo SEMTECH_ELEC - SEMTECH ELECTRONICS LTD.

ST2SC3731 Datasheet(HTML) 2 Page - SEMTECH ELECTRONICS LTD.

  ST2SC3731 Datasheet HTML 1Page - SEMTECH ELECTRONICS LTD. ST2SC3731 Datasheet HTML 2Page - SEMTECH ELECTRONICS LTD. ST2SC3731 Datasheet HTML 3Page - SEMTECH ELECTRONICS LTD. ST2SC3731 Datasheet HTML 4Page - SEMTECH ELECTRONICS LTD. ST2SC3731 Datasheet HTML 5Page - SEMTECH ELECTRONICS LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Dated : 07/08/2003
®
SEMTECH ELECTRONICS LTD.
(Subsidiary of Sino-Tech International Holdings Limited, a company
listed on the Hong Kong Stock Exchange, Stock Code: 724)
ST 2SC3731
Characteristics at Tamb=25
OC
Symbol
Min.
Typ.
Max.
Unit
DC Current Gain*
at VCE=1V, IC=10mA
Current Gain Group
at VCE=1V, IC=100mA
M
L
K
hFE
hFE
hFE
hFE
75
100
150
25
-
-
-
80
150
200
300
-
-
-
-
-
Collector Cutoff Current
at VCB=30V
ICBO
-
-
0.1
μA
Emitter Cutoff Current
at VEB=3V
IEBO
-
-
0.1
μA
Collector Saturation Voltage*
at IC=50mA, IB=5mA
VCE(sat)
-
0.12
0.3
V
Base Saturation Voltage*
at IC=50mA, IB=5mA
VBE(sat)
-
0.8
0.95
V
Turn-on Time
See test circuit
ton
-
-
70
ns
Storage Time
See test circuit
tstg
-
100
200
ns
Turn-off Time
See test circuit
toff
-
-
250
ns
Gain Bandwidth Product
at VCE=20V, -IE=10mA, f=100MHz
fT
300
510
-
MHz
Output Capacitance
at VCB=5V, f=1MHz
COB
-
3
4
pF
*Pulsed PW≦350μs, Duty Cycle≦2%



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com