Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ST2SC3731 Datasheet(PDF) 5 Page - SEMTECH ELECTRONICS LTD.

Part # ST2SC3731
Description  NPN Silicon Epitaxial Planar Transistor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH_ELEC [SEMTECH ELECTRONICS LTD.]
Direct Link  http://www.semtech.net.cn
Logo SEMTECH_ELEC - SEMTECH ELECTRONICS LTD.

ST2SC3731 Datasheet(HTML) 5 Page - SEMTECH ELECTRONICS LTD.

  ST2SC3731 Datasheet HTML 1Page - SEMTECH ELECTRONICS LTD. ST2SC3731 Datasheet HTML 2Page - SEMTECH ELECTRONICS LTD. ST2SC3731 Datasheet HTML 3Page - SEMTECH ELECTRONICS LTD. ST2SC3731 Datasheet HTML 4Page - SEMTECH ELECTRONICS LTD. ST2SC3731 Datasheet HTML 5Page - SEMTECH ELECTRONICS LTD.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Dated : 07/08/2003
®
SEMTECH ELECTRONICS LTD.
(Subsidiary of Sino-Tech International Holdings Limited, a company
listed on the Hong Kong Stock Exchange, Stock Code: 724)
ST 2SC3731
SWITCHING TIME TEST CIRCUIT
0.1
F
0.1
F
VIN
VIN
toff SW ITCHING
VCC= +3V
1S955
1S955
100
10
VBB= +11V
100
VOUT
275
toff = tf + tstg
t stg
OUTPUT
INPUT
t f
90%
10 %
OUTPUT
INPUT
VCC= +3V
VBB= -0.5V
ton SW ITCHING
100
100
10K
VOUT
275
ton = td + tr
90%
t d
10 %
t r
PW ≦ 300ns
tr<1ns
Duty Cycle=2 %
PW ≦ 300ns
tr < 9ns
Duty Cycle=2 %
-20V
11.1V



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com