Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

CDK1302 Datasheet(PDF) 1 Page - Cadeka Microcircuits LLC.

Part # CDK1302
Description  8-bit, 750 MSPS, Flash A/D Converter
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

CDK1302 Datasheet(HTML) 1 Page - Cadeka Microcircuits LLC.

  CDK1302 Datasheet HTML 1Page - Cadeka Microcircuits LLC. CDK1302 Datasheet HTML 2Page - Cadeka Microcircuits LLC. CDK1302 Datasheet HTML 3Page - Cadeka Microcircuits LLC. CDK1302 Datasheet HTML 4Page - Cadeka Microcircuits LLC. CDK1302 Datasheet HTML 5Page - Cadeka Microcircuits LLC. CDK1302 Datasheet HTML 6Page - Cadeka Microcircuits LLC. CDK1302 Datasheet HTML 7Page - Cadeka Microcircuits LLC. CDK1302 Datasheet HTML 8Page - Cadeka Microcircuits LLC. CDK1302 Datasheet HTML 9Page - Cadeka Microcircuits LLC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Data Sheet
©2008 CADEKA Microcircuits LLC
www.cadeka.com
CDK1302
8-bit, 750 MSPS, Flash A/D Converter
Amplify the Human Experience
Ordering Information
Part Number
Package
Pb-Free
RoHS Compliant
Operating Temperature Range
Packaging Method
CDK1302AEMQ80
MQUAD-80
Yes
Yes
-25°C to +85°C
Rail
CDK1302AEMQ80_Q
MQUAD-80
No
No
-25°C to +85°C
Rail
CDK1302BEMQ80
MQUAD-80
Yes
Yes
-25°C to +85°C
Rail
CDK1302BEMQ80_Q
MQUAD-80
No
No
-25°C to +85°C
Rail
Moisture sensitivity level for all parts is MSL-1.
features
n
1:2 Demuxed ECL compatible outputs
n
Wide input bandwidth – 900MHz
n
Low input capacitance – 15pF
n
Metastable errors reduced to 1 LSB
n
Monolithic for low cost
n
Gray code output
a pplication s
n
Digital oscilloscopes
n
Transient capture
n
Radar, EW, ECM
n
Direct RF down-conversion
General Description
The CDK1302 is a full parallel (flash) analog-to-digital converter capable
of digitizing full scale (0 to -2V) inputs into eight-bit digital words at an
update rate of 750 MSPS. The ECL-compatible outputs are demultiplexed
into two separate output banks, each with differential data ready outputs
to ease the task of data capture. The CDK1302’s wide input bandwidth and
low capacitance eliminate the need for external track-and-hold amplifiers
for most applications. A proprietary decoding scheme reduces metastable
errors to the 1 LSB level. The CDK1302 operates from a single – 5.2V supply,
with a nominal power dissipation of 5.5W.
The CDK1302 is available in an 80-lead surface-mount MQuad package over
the industrial temperature range (-25°C to +85°C).
Block Diagram


Similar Part No. - CDK1302

ManufacturerPart #DatasheetDescription
logo
Cadeka Microcircuits LL...
CDK1300 CADEKA-CDK1300 Datasheet
2Mb / 12P
8-bit, 250 MSPS ADC with Demuxed Outputs
CDK1300ITQ44 CADEKA-CDK1300ITQ44 Datasheet
2Mb / 12P
8-bit, 250 MSPS ADC with Demuxed Outputs
CDK1300ITQ44_Q CADEKA-CDK1300ITQ44_Q Datasheet
2Mb / 12P
8-bit, 250 MSPS ADC with Demuxed Outputs
CDK1301 CADEKA-CDK1301 Datasheet
2Mb / 12P
8-bit, 250 MSPS A/D Converter with Demuxed Outputs REV 1A
CDK1301ITQ44 CADEKA-CDK1301ITQ44 Datasheet
2Mb / 12P
8-bit, 250 MSPS A/D Converter with Demuxed Outputs REV 1A
More results

Similar Description - CDK1302

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXA1396D SONY-CXA1396D Datasheet
377Kb / 22P
8-bit 125 MSPS Flash A/D Converter
logo
Fairchild Semiconductor
SPT7725 FAIRCHILD-SPT7725 Datasheet
134Kb / 12P
8-BIT, 300 MSPS, FLASH A/D CONVERTER
logo
Intersil Corporation
HI1276 INTERSIL-HI1276 Datasheet
102Kb / 11P
8-Bit, 500 MSPS, Flash A/D Converter
August 1997
HI1386 INTERSIL-HI1386 Datasheet
83Kb / 9P
8-Bit, 75 MSPS, Flash A/D Converter
August 1997
HI1396Y INTERSIL-HI1396Y Datasheet
424Kb / 8P
8-Bit, 125 MSPS Flash A/D Converter
April 1995
HI-5700 INTERSIL-HI-5700 Datasheet
746Kb / 12P
8-Bit, 20 MSPS Flash A/D Converter
May 1997
HI-5700883 INTERSIL-HI-5700883 Datasheet
668Kb / 8P
8-Bit, 20 MSPS Flash A/D Converter
May 1997
logo
List of Unclassifed Man...
SPT7755 ETC1-SPT7755 Datasheet
84Kb / 8P
8-BIT, 750 MSPS FLASH A/D CONVERTER
logo
Intersil Corporation
HI1176 INTERSIL-HI1176_05 Datasheet
341Kb / 12P
8-Bit, 20 MSPS, Flash A/D Converter
October 25, 2005
logo
Cadeka Microcircuits LL...
SPT7755 CADEKA-SPT7755 Datasheet
314Kb / 8P
8-BIT, 750 MSPS, FLASH A/D CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com