Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TMS320VC33 Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320VC33
Description  DIGITAL SIGNAL PROCESSOR
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320VC33 Datasheet(HTML) 16 Page - Texas Instruments

Back Button TMS320VC33 Datasheet HTML 12Page - Texas Instruments TMS320VC33 Datasheet HTML 13Page - Texas Instruments TMS320VC33 Datasheet HTML 14Page - Texas Instruments TMS320VC33 Datasheet HTML 15Page - Texas Instruments TMS320VC33 Datasheet HTML 16Page - Texas Instruments TMS320VC33 Datasheet HTML 17Page - Texas Instruments TMS320VC33 Datasheet HTML 18Page - Texas Instruments TMS320VC33 Datasheet HTML 19Page - Texas Instruments TMS320VC33 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 57 page
background image
TMS320VC33
DIGITAL SIGNAL PROCESSOR
SPRS087E − FEBRUARY 1999 − REVISED JANUARY 2004
16
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251−1443
PAGE0 − PAGE3 select lines
To facilitate simpler and higher speed connection to external devices, the TMS320VC33 includes four
predecoded select pins that have the same timings as STRB. These pins are decoded from A22, A23, and STRB
and are active only during external accesses over the ranges shown in Table 3. All external bus accesses are
controlled by a single bus control register.
Table 3. PAGE0 − PAGE3 Ranges
START
END
PAGE0
0x000000
0x3FFFFF
PAGE1
0x400000
0x7FFFFF
PAGE2
0x800000
0xBFFFFF
PAGE3
0xC00000
0xFFFFFF
using external logic with the READY pin
The key to designing external wait-state logic is the internal bus control register and associated internal logic
that logically combines the external READY pin with the much faster on-chip bus control logic. This essentially
allows slow external logic to interact with the bus while easily meeting the READY input timings. It is also relevant
to mention that the combined ready signals are sampled on the rising edge of the internal H1 clock. Please refer
to Figure 8 for the following examples.
example 1
A simple 0 or WTCNT wait-state decoder can be created by simply tying an address line back to the READY
pin and selecting the AND option. When the tied back address is low, the bus runs with 0 wait states. When the
tied back address is high, the bus will be controlled by the internal wait-state counter.
By enabling the bank compare logic, proper operation is further ensured by inserting a null cycle before a read
on the next bank is performed (writes are not pre-extended). This extra time can also be used by external logic
to affect the feedback path.
example 2
An N−WTCNT minimum wait-state decoder can also be created by tying back an address line to READY and
logically ORing it with the internal bank compare and wait count signals. When the address pin is low, bus timing
is determined by the internal WTCNT and BNKCMP settings. When the address line is high, the bus can run
no faster than the WTCNT counter and is extended as long as READY is held high.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com