Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

PCS3P2191A Datasheet(PDF) 4 Page - PulseCore Semiconductor

Part # PCS3P2191A
Description  Spread Spectrum Clock Generator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSECORE [PulseCore Semiconductor]
Direct Link  http://www.onsemi.com/
Logo PULSECORE - PulseCore Semiconductor

PCS3P2191A Datasheet(HTML) 4 Page - PulseCore Semiconductor

  PCS3P2191A_2 Datasheet HTML 1Page - PulseCore Semiconductor PCS3P2191A_2 Datasheet HTML 2Page - PulseCore Semiconductor PCS3P2191A_2 Datasheet HTML 3Page - PulseCore Semiconductor PCS3P2191A_2 Datasheet HTML 4Page - PulseCore Semiconductor PCS3P2191A_2 Datasheet HTML 5Page - PulseCore Semiconductor PCS3P2191A_2 Datasheet HTML 6Page - PulseCore Semiconductor PCS3P2191A_2 Datasheet HTML 7Page - PulseCore Semiconductor PCS3P2191A_2 Datasheet HTML 8Page - PulseCore Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
May 2008
PCS3P2191A
rev 0.3
Spread Spectrum Clock Generator
4 of 8
Notice: The information in this document is subject to change without notice.
DC Electrical Characteristics (TA=-40°C to +85°C, VDD =3.3V ± 0.3V)
Symbol
Parameter
Min
Typ
Max
Unit
VIL
Input low voltage
VSS – 0.3
0.8
V
VIH
Input high voltage
2.0
VDD+ 0.3
V
IIL
Input low current
-35
IIH
Input high current
(XIN / CLKIN)
+35
µA
IIL
Input low current
-50
IIH
Input high current
(S0:S1:S2)
+50
µA
VOL
Output low voltage
IOL = 12mA
VSS
0.4
V
VOH
Output high voltage
IOH = -12mA
2.4
VDD
V
ICC
Dynamic supply current ( Unloaded Outputs)
8
15
26
mA
IDD
Static supply current standby mode*
8
mA
VDD
Operating voltage
3.0
3.3
3.6
V
tON
Power up time (first locked clock cycle after power up)**
5
mS
ZOUT
Clock output impedance
27
CIN
Input Capacitance
5
pF
CL
Load Capacitance
15
pF
*CLKIN pulled Low
**VDD and CLKIN inputs are stable
AC Electrical Characteristics (TA=-40°C to +85°C, VDD =3.3V ± 0.3V)
Symbol
Parameter
Min
Typ
Max
Unit
XIN/ CLKIN
Input Clock frequency
10
15
25
MHz
CLKOUT
Output Clock frequency
(Pin 5,6,11,12)
40
60
100
MHz
FMOD
Spread Spectrum Modulation Rate
26
39
65
KHz
tLH*
Output rise time ( Measured from 20% to 80% )
1.5
2
nS
tHL*
Output fall time ( Measured from 80% to 20% )
1.0
1.5
nS
Output frequency Synthesis error (With SSOFF)
0
ppm
tJC*
Cycle to Cycle Jitter
±250
±325
tJP*
Period Jitter (With SSOFF)
±150
±200
pS
tD*
Output duty cycle
45
50
55
%
*tLH and tHL are measured with a capacitive load of 15pF



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com