Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

PCS3P2191A Datasheet(PDF) 1 Page - PulseCore Semiconductor

Part # PCS3P2191A
Description  Spread Spectrum Clock Generator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSECORE [PulseCore Semiconductor]
Direct Link  http://www.onsemi.com/
Logo PULSECORE - PulseCore Semiconductor

PCS3P2191A Datasheet(HTML) 1 Page - PulseCore Semiconductor

  PCS3P2191A_2 Datasheet HTML 1Page - PulseCore Semiconductor PCS3P2191A_2 Datasheet HTML 2Page - PulseCore Semiconductor PCS3P2191A_2 Datasheet HTML 3Page - PulseCore Semiconductor PCS3P2191A_2 Datasheet HTML 4Page - PulseCore Semiconductor PCS3P2191A_2 Datasheet HTML 5Page - PulseCore Semiconductor PCS3P2191A_2 Datasheet HTML 6Page - PulseCore Semiconductor PCS3P2191A_2 Datasheet HTML 7Page - PulseCore Semiconductor PCS3P2191A_2 Datasheet HTML 8Page - PulseCore Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
May 2008
PCS3P2191A
rev 0.3
Notice: The information in this document is subject to change without notice.
PulseCore Semiconductor Corporation
1715 S. Bascom Ave Suite 200, Campbell, CA 95008
• Tel: 408-879-9077 • Fax: 408-879-9018
www.pulsecoresemi.com
Spread Spectrum Clock Generator
Features
Generates four 4x low EMI spread spectrum clocks
Input frequency: 10MHz - 25MHz
Output frequency: 40MHz - 100MHz
Internal loop filter minimizes external components
and board space
Selectable Centre Spread frequency deviation:
±0.5%, ±0.75%, ± 1.0%,
± 1.25%, ± 1.5%, ± 1.75% ± 2.0%
Supply Voltage :3.3V ± 0.3V
Commercial and Industrial temperature range
16-pin TSSOP Package
Advanced low power CMOS process
Product Description
PCS3P2191A is a versatile spread spectrum frequency
modulator that generates four low EMI 4x clocks at the
output. PCS3P2191A offers seven selectable centre
spread options of ±0.5% to ±2.0%, and a no spread
option. (Refer Spread Deviation Selection Table).
PCS3P2191A
reduces
electromagnetic
interference
(EMI) at the clock source, allowing system wide reduction
of EMI of all clock dependent signals. The PCS3P2191A
allows significant system cost savings by reducing the
number of circuit board layers, ferrite beads, and
shielding that are traditionally required to pass EMI
regulations. The PCS3P2191A uses the most efficient
and optimized modulation profile approved by the FCC
and is implemented in a proprietary all digital method.
The Device is available in 16 Pin TSSOP package, in
Commercial and Industrial temperature range.
Application
PCS3P2191A is targetted for LCD panel application
Block Diagram
CLK[1:4]
CLKIN / XIN
GND
Frequency
Divider
Feedback
Divider
Modulation
Phase
Detector
Loop
Filter
VCO
Output
Divider
PLL
VDD
XOUT
Crystal
Oscillator
S2
S0
S1
4
2
5


Similar Part No. - PCS3P2191A_2

ManufacturerPart #DatasheetDescription
logo
PulseCore Semiconductor
PCS3P2191AF-16TR PULSECORE-PCS3P2191AF-16TR Datasheet
358Kb / 8P
Spread Spectrum Clock Generator
PCS3P2191AF-16TR PULSECORE-PCS3P2191AF-16TR Datasheet
360Kb / 8P
Spread Spectrum Clock Generator
logo
ON Semiconductor
PCS3P2191AF-16TR ONSEMI-PCS3P2191AF-16TR Datasheet
118Kb / 7P
Spread Spectrum Clock Generator
August, 2011 ??Rev. P2
logo
PulseCore Semiconductor
PCS3P2191AF-16TT PULSECORE-PCS3P2191AF-16TT Datasheet
358Kb / 8P
Spread Spectrum Clock Generator
PCS3P2191AF-16TT PULSECORE-PCS3P2191AF-16TT Datasheet
360Kb / 8P
Spread Spectrum Clock Generator
More results

Similar Description - PCS3P2191A_2

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY25811 CYPRESS-CY25811 Datasheet
316Kb / 11P
Spread Spectrum Clock Generator
logo
fujitsu semiconductor
MB88156 FUJITSU-MB88156 Datasheet
198Kb / 25P
Spread Spectrum Clock Generator
MB88154 FUJITSU-MB88154 Datasheet
151Kb / 18P
Spread Spectrum Clock Generator
MB88162 FUJITSU-MB88162 Datasheet
170Kb / 21P
Spread Spectrum Clock Generator
MB88151A FUJITSU-MB88151A Datasheet
342Kb / 22P
Spread Spectrum Clock Generator
logo
PulseCore Semiconductor
PCS3P2191A PULSECORE-PCS3P2191A Datasheet
358Kb / 8P
Spread Spectrum Clock Generator
logo
fujitsu semiconductor
MB88R157 FUJITSU-MB88R157 Datasheet
139Kb / 24P
Spread Spectrum Clock Generator
logo
Integrated Device Techn...
IDT5V50009 IDT-IDT5V50009 Datasheet
181Kb / 8P
SPREAD SPECTRUM CLOCK GENERATOR
logo
ON Semiconductor
PCS3P25811 ONSEMI-PCS3P25811 Datasheet
159Kb / 9P
Spread Spectrum Clock Generator
JANUARY 2010 ??Rev. 1
logo
Cypress Semiconductor
MB88151A CYPRESS-MB88151A Datasheet
568Kb / 27P
Spread Spectrum Clock Generator
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com