Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TPS2102 Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # TPS2102
Description  VAUX POWER-DISTRIBUTION SWITCHES
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS2102 Datasheet(HTML) 12 Page - Texas Instruments

Back Button TPS2102 Datasheet HTML 8Page - Texas Instruments TPS2102 Datasheet HTML 9Page - Texas Instruments TPS2102 Datasheet HTML 10Page - Texas Instruments TPS2102 Datasheet HTML 11Page - Texas Instruments TPS2102 Datasheet HTML 12Page - Texas Instruments TPS2102 Datasheet HTML 13Page - Texas Instruments TPS2102 Datasheet HTML 14Page - Texas Instruments TPS2102 Datasheet HTML 15Page - Texas Instruments TPS2102 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 17 page
background image
TPS2102, TPS2103
VAUX POWER-DISTRIBUTION SWITCHES
SLVS234A – SEPTEMBER 1999 – REVISED APRIL 2000
12
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 18
15
13
9
–40
–10
20
50
17
IN1 SUPPLY CURRENT
vs
JUNCTION TEMPERATURE (IN1 ENABLED)
21
110
80
VI(IN1) = 4 V
TJ – Junction Temperature – °C
19
VI(IN1) = 3.3 V
11
VI(IN1) = 2.7 V
Figure 19
0.25
–40
–10
20
50
IN1 SUPPLY CURRENT
vs
JUNCTION TEMPERATURE (IN1 DISABLED)
0.35
110
80
VI(IN1) = 4 V
TJ – Junction Temperature – °C
VI(IN1) = 2.7 V
0.33
0.31
0.29
0.27
VI(IN1) = 3.3 V
0.35
–40
–10
20
50
IN2 SUPPLY CURRENT
vs
JUNCTION TEMPERATURE (IN2 ENABLED)
0.59
110
80
VI(IN2) = 4 V
TJ – Junction Temperature – °C
VI(IN2) = 2.7 V
0.53
0.47
0.41
VI(IN2) = 3.3 V
Figure 20
Figure 21
0.15
–40
–10
20
50
IN2 SUPPLY CURRENT
vs
JUNCTION TEMPERATURE (IN2 DISABLED)
0.25
110
80
VI(IN2) = 4 V
TJ – Junction Temperature – °C
VI(IN2) = 2.7 V
0.23
0.21
0.19
0.17
VI(IN2) = 3.3 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com